Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2201 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2201
Description  150mA RF ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2201 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2201 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
150mA RF ULDO REGULATOR
AP2201
Preliminary Datasheet
10
Jun. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Application Information
External Capacitors
The AP2201 requires external capacitors for regula-
tor stability. These capacitors must be correctly
selected for good performance.
Input Capacitor
If there is more than 10 inches of wire between the
input and the AC filter or if a battery is used as the
input, at least a 1
µF capacitor should be placed from
IN to GND.
Output Capacitor
It is required to prevent oscillation. 1.0
µF minimum
is recommended when CBYP is not used. 2.2µF mini-
mum is recommended when CBYP is 470pF. The out-
put capacitor may be increased without limit for large
values to improve transient response.
The output capacitor should have an ESR of about
5Ω or less. In most cases, tantalum or aluminium
electrolytic capacitors are adequate.
Noise Bypass Capacitor
Bypass capacitor is connected to the internal voltage
reference. A 680pF capacitor connected from BYP to
GND make this reference quiet, resulting in a
significant reduction in output noise. When using
CBYP, output capacitors of 2.2µF or greater are
required for better stability.
The start-up speed of the AP2201 is inversely
proportional to the value of reference bypass
capacitor. In some cases if output noise is not a major
concern and rapid turn-on is necessary, omit CBYP
and leave BYP open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com