Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2201 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2201
Description  150mA RF ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2201 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2201 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2201 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
150mA RF ULDO REGULATOR
AP2201
Preliminary Datasheet
1
Jun. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
SOT-23-5
Figure 2. Package Type of AP2201
Figure 1. Typical Application of AP2201
General Description
The AP2201 is a 150mA output current fixed voltage
regulator designed to provide very low noise (45µVrms
at 80Hz-100KHz), ultra low dropout voltage (typically
165mV at 150mA), very low quiescent current (1µA
maximum) and excellent power supply ripple rejection
(PSRR 75dB at 100Hz) in battery powered applica-
tions, such as handsets and PDAs and in noise sensitive
applications, such as RF electronics.
The AP2201 also features individual logic compatible
enable/shutdown control inputs, a low power shutdown
mode for extended battery life, over current protection,
over temperature protection, as well as reversed-bat-
tery protection.
The output capacitor of 1.0µF minimum and 2.2µF
minimum near its pin are recommended when CBYP is
not used and when CBYP is 470pF respectively. The
output capacitor should have 5Ω or less ESR, tantalum
or aluminium electrolytic capacitors are adequate.
Bypass capacitor is connected to the internal voltage
reference to quiet noise. Its recommended value is
from 470pF to 1nF. If output noise is not a major con-
cern and rapid turn-on is necessary, omit CBYP and
leave BYP open.
The AP2201 has 2.6V, 2.8V and 3.0V versions now.
The AP2201 is available in space saving 5-pin SOT-
23-5 package.
Features
· Up to 150mA Regulator Output
· Low Quiescent Current
· Low Dropout Voltage: V
D=165mV at 150mA
· High Precision Output Voltage: ±1%
· Output Noise: 45µVrms at 80Hz-100KHz
· Good Ripple Rejection Ability: 75dB at 100Hz
and IOUT=100µA
· Tight Load and Line Regulation
· Low Temperature Coefficient
· Over Current Protection
· Thermal Protection
· Reverse-battery Protection
· Zero Off-mode Current
· Logic-controlled Enable
Applications
· Cellular Phones
· Cordless Phones
· Digital Still Cameras
· Wireless Communicators
· PDAs / Palmtops
· PC Mother Board
· Consumer Electronics
BYP
C
BYP
470pF
EN
GND
V
OUT
C
OUT
+
V
IN
AP2201-2.8
V
IN=3.8V
V
OUT=2.8V
V
OUT
V
IN
2.2
µF
C
IN
1.0
µF
tantalum


Similar Part No. - AP2201

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
Step-up DC/DC converter IC supporting 1 or 2 solar cells
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
BCD Semiconductor Manuf...
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
More results

Similar Description - AP2201

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com