Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2210 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2210 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2210
Download  AP2210 Download
File Size   204.48 Kbytes
Page   22 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 300mA RF ULDO REGULATOR

AP2210 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2210 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2210
Download  AP2210 Click to download

File Size   204.48 Kbytes
Page   22 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 300mA RF ULDO REGULATOR

AP2210 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2210 Product details

General Description

The AP2210 is a 300mA ULDO regulator which provides very low noise, ultra low dropout voltage(typically 250mV at 300mA), very low standby current (1µA maximum)  and excellent power supply ripple rejection (PSRR 75dB at 100Hz) in battery powered applications, such as handsets, PDAs and in noise sensitive applications, suchas RF electronics.



Features

· Up to 300mA Output Current

· Excellent ESR Stability

· Low Standby Current

· Low Dropout Voltage: VDROP=250mV at 300mA

· High Output Accuracy: ±1%

· Good Ripple Rejection Ability: 75dB at 100Hz and IOUT=100µA

· Tight Load and Line Regulation

· Low Temperature Coefficient

· Over Current Protection

· Thermal Protection

· Reverse-battery Protection

· Logic-controlled Enable



Applications

· Cellular Phones

· Cordless Phones

· Wireless Communicators

· PDAs/Palmtops

· PC Mother Board

· Consumer Electronics




Similar Part No. - AP2210

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
AP2210K-2.5TRE1 DIODES-AP2210K-2.5TRE1 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
AP2210K-2.8TRE1 DIODES-AP2210K-2.8TRE1 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
AP2210K-2.8TRG1 DIODES-AP2210K-2.8TRG1 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
AP2210K-3.0TRE1 DIODES-AP2210K-3.0TRE1 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results


Similar Description - AP2210

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com