Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2202 Datasheet (PDF) - Diodes Incorporated

AP2202 Datasheet PDF - Diodes Incorporated
Part # AP2202
Download  AP2202 Download
File Size   1319.9 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150mA RF ULDO REGULATOR

AP2202 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2202 Datasheet PDF - Diodes Incorporated

Part # AP2202
Download  AP2202 Click to download

File Size   1319.9 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150mA RF ULDO REGULATOR

AP2202 Datasheet (HTML) - Diodes Incorporated


AP2202 Product details

Features
- Up to 150mA Output Current
- Low Standby Current
- Low Dropout Voltage: VDROP = 165mV at 150mA
- High Output Accuracy: ±1%
- Good Ripple Rejection Ability: 75dB at 100Hz and IOUT = 100μA
- Tight Load and Line Regulation
- Low Temperature Coefficient
- Overcurrent Protection
- Thermal Protection
- Reverse Current Protection
- Logic-Controlled Enable
- Lead-Free Packages: SOT-23-5, SOT-89
- Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
- Lead-Free Packages, Available in “Green” Molding Compound:
SOT-23-5, SOT-89
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen- and Antimony-Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Cellular phones
- Cordless phones
- Digital still cameras
- Wireless communicators
- PDAs/palmtops
- PC mother boards
- Consumer electronics




Similar Part No. - AP2202

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2202K-2.5TR BCDSEMI-AP2202K-2.5TR Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2202K-2.5TR BCDSEMI-AP2202K-2.5TR Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
AP2202K-2.5TRE1 BCDSEMI-AP2202K-2.5TRE1 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2202K-2.5TRE1 BCDSEMI-AP2202K-2.5TRE1 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
More results


Similar Description - AP2202

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com