Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2202 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2202 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2202 Datasheet HTML 1Page - Diodes Incorporated AP2202 Datasheet HTML 2Page - Diodes Incorporated AP2202 Datasheet HTML 3Page - Diodes Incorporated AP2202 Datasheet HTML 4Page - Diodes Incorporated AP2202 Datasheet HTML 5Page - Diodes Incorporated AP2202 Datasheet HTML 6Page - Diodes Incorporated AP2202 Datasheet HTML 7Page - Diodes Incorporated AP2202 Datasheet HTML 8Page - Diodes Incorporated AP2202 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AP2202
Document number: DS38214 Rev. 6 - 2
2 of 26
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP2202
Typical Applications Circuit (Note 4)
BYP
100pF
EN
GND
AP2202-2.8
VIN=3.8V
VOUT=2.8V
2.2
F
1.0
F
VIN
VIN
VOUT
VOUT
COUT
CBYP
CIN
ADJ
EN
GND
AP2202-ADJ
R1
R2
optional
VOUT=1.25* (1+R2/R1)
VIN
1.0
F
2.2
F
VIN
CIN
VOUT
VOUT
COUT
CBYP
Note:
4. Dropout voltage is 165mV when TA = +25°C. In order to obtain a normal output voltage, VOUT+0.165V is the minimum input voltage which will result in a
Low PSRR, imposing a bad influence on system. Therefore, the recommended input voltage is VOUT+0.5V to 13.2V. For AP2202-2.8 version, its input
voltage can be set from 3.3V (VOUT+0.5V) to 13.2V. For that of ADJ version, any value from VOUT+0.5V to 13.2V is available. R1 and R2 must be correctly
selected when setting the output voltage. For example, if 3.0V output voltage is required, R1 and R2 can be set to 10k
Ω
 and 14kΩ respectively. For ADJ
version, we recommend 2.3V as minimum output voltage.
Pin Descriptions
Pin Number
Pin Name
Function
SOT-23-5
SOT-89
1
3
VIN
Input voltage
2
2
GND
Ground (TAB for SOT-89)
3
—
EN
Enable input: CMOS or TTL compatible input.
Logic high = enable, logic low = shutdown
4
—
BYP/ADJ
Bypass capacitor for low noise operation/Adjust output
5
1
VOUT
Regulated output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com