Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2202 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2202 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP2202 Datasheet HTML 14Page - Diodes Incorporated AP2202 Datasheet HTML 15Page - Diodes Incorporated AP2202 Datasheet HTML 16Page - Diodes Incorporated AP2202 Datasheet HTML 17Page - Diodes Incorporated AP2202 Datasheet HTML 18Page - Diodes Incorporated AP2202 Datasheet HTML 19Page - Diodes Incorporated AP2202 Datasheet HTML 20Page - Diodes Incorporated AP2202 Datasheet HTML 21Page - Diodes Incorporated AP2202 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AP2202
Document number: DS38214 Rev. 6 - 2
18 of 26
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP2202
Performance Characteristics (continued)
Noise vs. Bypass Capacitor
Output Noise vs. Frequency
Load Transient
Line Transient
(Conditions: VIN=3.8V, CBYP=100pF, VEN=2V,
(Conditions: VIN=3.8V to 4.8V, VEN=2V, IOUT=100µA
IOUT=5mA to 50mA, CIN=1.0
F, COUT=2.2µF)
CBYP=100pF, COUT=10µF)
VEN(on) vs. VOUT
(Conditions: VEN=0V to 2V, VIN=3.8V, IOUT=30mA,
PSRR vs. Frequency
CBYP=open, CIN=1.0µF, COUT=2.2µF)
10
100
1000
10000
0
50
100
150
200
Bypass Capacitor (pF)
I
OUT
=10mA
C
IN
=1.0F, C
OUT
=2.2F
Noise Measurement Filter: DIN Noise
10
100
1k
10k
100k
1M
10M
0.001
0.01
0.1
1
Frequency (Hz)
AP2202-2.8
C
IN
=1.0F, C
OUT
=2.2F, C
BYP
=100pF
V
IN
=4.5V, I
OUT
=10mA
10
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2202-2.8
V
IN
=3.8V, V
RIPPLE
=1V
PP
I
OUT
=10mA, C
OUT
=2.2F
150
100
50
0
50
0
-50
-100
0
10
20
30
40
50
60
70
80
90
100
AP2202-2.8
Time (µs)
Time (µs)
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com