Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2202 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2202 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AP2202 Datasheet HTML 16Page - Diodes Incorporated AP2202 Datasheet HTML 17Page - Diodes Incorporated AP2202 Datasheet HTML 18Page - Diodes Incorporated AP2202 Datasheet HTML 19Page - Diodes Incorporated AP2202 Datasheet HTML 20Page - Diodes Incorporated AP2202 Datasheet HTML 21Page - Diodes Incorporated AP2202 Datasheet HTML 22Page - Diodes Incorporated AP2202 Datasheet HTML 23Page - Diodes Incorporated AP2202 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AP2202
Document number: DS38214 Rev. 6 - 2
20 of 26
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP2202
Application Information
Input Capacitor
A 1µF minimum capacitor is recommended to be placed between VIN and GND.
Output Capacitor
An output capacitor is required to prevent oscillation. A 1.0µF minimum is recommended when CBYP is unused. A 2.2µF minimum is
recommended when CBYP is 100pF. The output capacitor may be increased to improve transient response.
Noise Bypass Capacitor
A bypass capacitor is connected to the internal voltage reference. A 100pF capacitor connected from BYP to GND makes this reference quiet,
resulting in a significant reduction in output noise, but the ESR stable area will be narrowed.
The start-up speed of the AP2202 is inversely proportional to the value of the reference bypass capacitor. In some cases, if output noise is not a
major concern and rapid turn-on is necessary, omit CBYP and leave BYP open.
Power Dissipation
Thermal shutdown may take place if the maximum power dissipation is exceeded in application. Under all possible operating conditions, the
junction temperature must be within the range specified under absolute maximum ratings to avoid thermal shutdown.
To determine if the power dissipated in the regulator reaches the maximum power dissipation (see Figures Power Dissipation vs. Ambient
Temperature (SOT-23-5 package and SOT-89 package)), use:
TJ = PD*θJA + TA
PD = (VIN-VOUT)*IOUT+VIN*IGND
Where: TJ ≤ TJ(max), TJ(max) is absolute maximum ratings for the junction temperature; VIN*IGND can be ignored due to its small value.
TJ(max) is +150°C, θJA is 200°C/W for SOT-23-5 package; and 165°C/W for SOT-89 package. No heatsink is required since the package alone will
dissipate enough heat to satisfy these requirements, unless the calculated value for power dissipation exceeds the limit.
Example: For 2.8V version packaged in SOT-23-5, IOUT = 150mA, TA = +50°C, VIN(Max) is:
(150°C-50°C)/(0.15A*200°C/W)+2.8V = 6.133V
Therefore, for good performance, please make sure that input voltage is less than 6.133V without heatsink when TA = +50°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com