Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2202 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2202 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2202 Datasheet HTML 6Page - Diodes Incorporated AP2202 Datasheet HTML 7Page - Diodes Incorporated AP2202 Datasheet HTML 8Page - Diodes Incorporated AP2202 Datasheet HTML 9Page - Diodes Incorporated AP2202 Datasheet HTML 10Page - Diodes Incorporated AP2202 Datasheet HTML 11Page - Diodes Incorporated AP2202 Datasheet HTML 12Page - Diodes Incorporated AP2202 Datasheet HTML 13Page - Diodes Incorporated AP2202 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
AP2202
Document number: DS38214 Rev. 6 - 2
10 of 26
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP2202
AP2202-2.6 Electrical Characteristics (continued) (@ VIN = 3.6V, IOUT = 100µA, CIN = 1.0µF, COUT = 2.2µF, VEN ≥2.0V,
TJ = +25°C, Bold typeface applies over -40°C
≤ TJ ≤ +125°C (Note 6), unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Enable Input Logic-Low Voltage
Regulator Shutdown
—
—
0.4
V
—
—
0.18
VIH
Enable Input Logic-High Voltage
Regulator Enabled
2.0
—
—
V
IIL
Enable Input Logic-Low Current
VIL ≤ 0.4V
—
0.01
1
µA
VIL ≤ 0.18V
—
—
2
IIH
Enable Input Logic-High Current
VIH ≥ 2.0V
—
5
20
µA
VIH ≥ 2.0V
—
—
25
θJC
Thermal Resistance
SOT-23-5
—
63.4
—
°C/W
SOT-89
—
50
—
Notes:
6. Specifications in bold type are limited to -40°C
≤ TJ ≤ +125°C. Limits over temperature are guaranteed by design, but not tested in production.
7. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
8. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range from
0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
9. Dropout voltage is defined as the input to output differential at which the output voltage drops 1% (TJ = +25°C) or 2% (-40oC
≤ TJ ≤ +125°C) below its
nominal value measured at 1V differential.
10. Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com