Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2202 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2202 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AP2202 Datasheet HTML 15Page - Diodes Incorporated AP2202 Datasheet HTML 16Page - Diodes Incorporated AP2202 Datasheet HTML 17Page - Diodes Incorporated AP2202 Datasheet HTML 18Page - Diodes Incorporated AP2202 Datasheet HTML 19Page - Diodes Incorporated AP2202 Datasheet HTML 20Page - Diodes Incorporated AP2202 Datasheet HTML 21Page - Diodes Incorporated AP2202 Datasheet HTML 22Page - Diodes Incorporated AP2202 Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AP2202
Document number: DS38214 Rev. 6 - 2
19 of 26
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP2202
Performance Characteristics (continued)
Power Dissipation vs. Ambient Temperature
Power Dissipation vs. Ambient Temperature
ESR vs. Output Current
ESR vs. Output Current
ESR vs. Output Current
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Ambient Temperature (
oC)
SOT-23-5 Package
No Heatsink
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Ambient Temperature (
oC)
SOT-89 Package
No Heatsink
0
25
50
75
100
125
150
0.01
0.1
1
10
100
C
OUT
=1.0F
No Bypass Capacitor
Stable Area
Output Current (mA)
0
25
50
75
100
125
150
0.01
0.1
1
10
100
Output Current (mA)
Stable Area
C
OUT
=2.2F
No Bypass Capacitor
0
25
50
75
100
125
150
0.01
0.1
1
10
100
Output Current (mA)
Stable Area
C
OUT
=4.7F
No Bypass Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com