Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2202 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2202 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP2202 Datasheet HTML 17Page - Diodes Incorporated AP2202 Datasheet HTML 18Page - Diodes Incorporated AP2202 Datasheet HTML 19Page - Diodes Incorporated AP2202 Datasheet HTML 20Page - Diodes Incorporated AP2202 Datasheet HTML 21Page - Diodes Incorporated AP2202 Datasheet HTML 22Page - Diodes Incorporated AP2202 Datasheet HTML 23Page - Diodes Incorporated AP2202 Datasheet HTML 24Page - Diodes Incorporated AP2202 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AP2202
Document number: DS38214 Rev. 6 - 2
21 of 26
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP2202
Ordering Information
AP2202 X - XXX XX XX
Packing
Package
TR : Tape & Reel
Product Name
K : SOT-23-5
Output Voltage
ADJ : Adjustable Output
E1/G1
2.5 : Fixed Output 2.5V
3.3 : Fixed Output 3.3V
R : SOT-89
E1 : RoHS Compliant
G1 : Green
2.6 : Fixed Output 2.6V
2.8 : Fixed Output 2.8V
3.0 : Fixed Output 3.0V
Package
Temperature
Range
Part Number
Marking ID
Packing
RoHS Compliant
(Note 11)
Green
RoHS
Compliant
Green
Qty.
Carrier
SOT-23-5
-40 to +125°C
AP2202K-ADJTRE1
AP2202K-ADJTRG1
E2C
G2C
3k
Tape & Reel
AP2202K-2.5TRE1
AP2202K-2.5TRG1
E2D
G2D
3k
Tape & Reel
AP2202K-2.6TRE1
AP2202K-2.6TRG1
(Note 11)
E2E
G2E
3k
Tape & Reel
AP2202K-2.8TRE1
AP2202K-2.8TRG1
(Note 11)
E2G
G2G
3k
Tape & Reel
AP2202K-3.0TRE1
AP2202K-3.0TRG1
E2I
G2I
3k
Tape & Reel
AP2202K-3.3TRE1
AP2202K-3.3TRG1
E2L
G2L
3k
Tape & Reel
SOT-89
-40 to +125°C
AP2202R-3.3TRE1
AP2202R-3.3TRG1
E22B
G22B
3k
Tape & Reel
Note:
11. Not recommended for new design.
Marking Information
(1)
SOT-23-5
(Top View)
(2)
SOT-89
(Top View)
1
2
3
XXX
: Logo
XXX : Marking ID (See Ordering Information)
XXXX
1
2
3
XXXX
: Logo
XXXX : Marking ID (See Ordering Information)
Pb
Lead-Free
Pb
Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com