Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2205 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2205
Description  WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2205 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2205 Datasheet HTML 1Page - Diodes Incorporated AP2205 Datasheet HTML 2Page - Diodes Incorporated AP2205 Datasheet HTML 3Page - Diodes Incorporated AP2205 Datasheet HTML 4Page - Diodes Incorporated AP2205 Datasheet HTML 5Page - Diodes Incorporated AP2205 Datasheet HTML 6Page - Diodes Incorporated AP2205 Datasheet HTML 7Page - Diodes Incorporated AP2205 Datasheet HTML 8Page - Diodes Incorporated AP2205 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP2205
Document number: DS41592 Rev. 3 - 2
4 of 16
www.diodes.com
November 2020
© Diodes Incorporated
AP2205
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VIN
Supply Input Voltage
36
V
VCE
Enable Input Voltage
36
V
IOUT
Output Current
250
mA
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
TJ
Operating Junction Temperature
+150
°C
θJA
Thermal Resistance (Note 6)
SOT25
160
°C/W
SOT89/SOT89R
129
θJC
Thermal Resistance
SOT25
29
°C/W
SOT89/SOT89R
26
TSTG
Storage Temperature Range
-65 to +150
°C
—
ESD (Charge Device Model)
1000
V
—
ESD (Human Body Model)
2000
V
Notes:
5. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
6. θJA is measured with the component mounted on a 2-Layer FR-4 PCB board with 1.5cm*1.5cm thermal sink pad in free air.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Input Voltage
2.3
24
V
TJ
Operating Junction Temperature
-40
+125
°C
IOUT
Output Current
VOUT ≦1.8V
150
mA
VOUT > 1.8V
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com