Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2205 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2205
Description  WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2205 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2205 Datasheet HTML 8Page - Diodes Incorporated AP2205 Datasheet HTML 9Page - Diodes Incorporated AP2205 Datasheet HTML 10Page - Diodes Incorporated AP2205 Datasheet HTML 11Page - Diodes Incorporated AP2205 Datasheet HTML 12Page - Diodes Incorporated AP2205 Datasheet HTML 13Page - Diodes Incorporated AP2205 Datasheet HTML 14Page - Diodes Incorporated AP2205 Datasheet HTML 15Page - Diodes Incorporated AP2205 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AP2205
Document number: DS41592 Rev. 3 - 2
13 of 16
www.diodes.com
November 2020
© Diodes Incorporated
AP2205
Marking Information (Cont.)
(2) SOT89
Y W X
XX : Identification code
(Top View)
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
a~z : 27~52 week;
z represents 52 and 53 week
1
2
3
XX
Part Number
Package
Identification Code
AP2205-15Y-13
SOT89
5B
AP2205-18Y-13
SOT89
5C
AP2205-25Y-13
SOT89
5D
AP2205-28Y-13
SOT89
5E
AP2205-30Y-13
SOT89
5F
AP2205-33Y-13
SOT89
5G
AP2205-50Y-13
SOT89
5H
AP2205-15YR-13
SOT89
6B
AP2205-18YR-13
SOT89
6C
AP2205-25YR-13
SOT89
6D
AP2205-28YR-13
SOT89
6E
AP2205-30YR-13
SOT89
6F
AP2205-33YR-13
SOT89
6G
AP2205-50YR-13
SOT89
6H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com