Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2210 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2210 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2210 Datasheet HTML 1Page - Diodes Incorporated AP2210 Datasheet HTML 2Page - Diodes Incorporated AP2210 Datasheet HTML 3Page - Diodes Incorporated AP2210 Datasheet HTML 4Page - Diodes Incorporated AP2210 Datasheet HTML 5Page - Diodes Incorporated AP2210 Datasheet HTML 6Page - Diodes Incorporated AP2210 Datasheet HTML 7Page - Diodes Incorporated AP2210 Datasheet HTML 8Page - Diodes Incorporated AP2210 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AP2210
Document number: DS37517 Rev. 4 - 2
4 of 30
www.diodes.com
March 2021
© Diodes Incorporated
AP2210
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VIN
Supply Input Voltage
15
V
VEN
Enable Input Voltage
15
V
PD
Power Dissipation
Internally Limited
(Thermal Protection)
W
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°
C
TJ
Junction Temperature
+150
°
C
TSTG
Storage Temperature
-65 to +150
°
C
ESD
ESD (Machine Model)
300
V
θJA
Thermal Resistance (No Heatsink)
SOT-23-3
200
°
C/W
SOT-23-5
200
Notes:
5. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Input Voltage
2.5
13.2
V
VEN
Enable Input Voltage
0
13.2
V
TJ
Operating Junction Temperature
-40
+125
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com