Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2210 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2210 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP2210 Datasheet HTML 17Page - Diodes Incorporated AP2210 Datasheet HTML 18Page - Diodes Incorporated AP2210 Datasheet HTML 19Page - Diodes Incorporated AP2210 Datasheet HTML 20Page - Diodes Incorporated AP2210 Datasheet HTML 21Page - Diodes Incorporated AP2210 Datasheet HTML 22Page - Diodes Incorporated AP2210 Datasheet HTML 23Page - Diodes Incorporated AP2210 Datasheet HTML 24Page - Diodes Incorporated AP2210 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AP2210
Document number: DS37517 Rev. 4 - 2
21 of 30
www.diodes.com
March 2021
© Diodes Incorporated
AP2210
Performance Characteristics (Cont.)
Line Transient
Output Noise vs. Frequency
(Conditions: VIN =4 to 5V, VEN =2V,
IOUT = 1mA, COUT = 2.2µF)
Load Transient
VEN vs. VOUT
(Conditions: VIN = 4V, VEN = 2V,
(Conditions: VEN = 0 to 2V, VIN = 4V,
IOUT = 10mA to 300mA, CIN = 1.0µF, COUT = 2.2µF)
IOUT = 30mA, CIN = 1.0µF, COUT = 2.2µF)
PSRR vs. Frequency
Power Dissipation vs. Ambient Temperature
10
100
1k
10k
100k
1M
10M
10
1
0.1
0.01
0.001
Frequency (Hz)
AP2210-3.0
V
IN=4.5V, IOUT=10mA
C
IN=1.0µF, COUT=2.2µF
C
BYP=100pF
0.0001
Time
(20µs/Div)
AP2210-3.0
600
400
200
0
50
0
-50
-100
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2210-3.0
V
IN=4V, VRIPPLE=1VPP
I
OUT=10mA, COUT=2.2µF
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Ambient Temperature (oC)
AP2210-3.0
SOT-23-3 Package
No Heatsink
Time
(20µs/Div)
Time
(40µs/Div)
5.5
5
4.5
4
50
0
-50
-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com