Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5252 Datasheet (PDF) - Micrel Semiconductor

MIC5252 Datasheet PDF - Micrel Semiconductor
Part # MIC5252
Download  MIC5252 Download
File Size   86.3 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO

MIC5252 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5252 Datasheet PDF - Micrel Semiconductor

Part # MIC5252
Download  MIC5252 Click to download

File Size   86.3 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO

MIC5252 Datasheet (HTML) - Micrel Semiconductor


MIC5252 Product details

General Description

The MIC5252 is an efficient, precise CMOS voltage regulator optimized for ultra-low-noise applications. It offers 1% initial accuracy, extremely-low dropout voltage (135mV at 150mA) and low ground current (typically 90µA). The MIC5252 provides a very-low-noise output, ideal for RF applications where a clean voltage source is required. The MIC5252 has a high PSRR even at low supply voltages, critical for battery operated electronics. A noise bypass pin is also available for further reduction of output noise.

Designed specifically for handheld and battery-powered devices, the MIC5252 provides a TTL-logic-compatible enable pin. When disabled, power consumption drops nearly to zero.

The MIC5252 also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in handheld wireless devices.



Features

• Input voltage range: 2.7V to 6.0V

• PSRR = 50dB @ VO + 0.3V

• Ultra-low output noise: 30µV(rms)

• Stability with ceramic output capacitors

• Ultra-low dropout: 135mV @ 150mA

• High output accuracy:

   1.0% initial accuracy

   2.0% over temperature

• Low quiescent current: 90µA

• Tight load and line regulation

• TTL-Logic-controlled enable input

• “Zero” off-mode current

• Thermal shutdown and current limit protection



Applications

• Cellular phones and pagers

• Cellular accessories

• Battery-powered equipment

• Laptop, notebook, and palmtop computers

• Consumer/personal electronics



 




Similar Part No. - MIC5252

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
647Kb / 9P
150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
MIC5252-1.5YML-TR MICROCHIP-MIC5252-1.5YML-TR Datasheet
2Mb / 22P
150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
logo
Micrel Semiconductor
MIC5252-1.8BM5 MICREL-MIC5252-1.8BM5 Datasheet
647Kb / 9P
150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5252-1.8YM5 MICREL-MIC5252-1.8YM5 Datasheet
647Kb / 9P
150mA High PSRR, Low Noise 關Cap CMOS LDO
More results


Similar Description - MIC5252

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
Tirple High PSRR, Low Noise uCap LDO
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
150mA Low Noise UCap CMOS LDO
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
High PSRR, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
300mA High PSRR, Low Noise UCap CMOS LDO
logo
Analog Microelectronics
AME8820 AME-AME8820 Datasheet
156Kb / 14P
High PSRR, CSP, 150mA CMOS LDO
AME8838 AME-AME8838 Datasheet
279Kb / 19P
High PSRR, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7315 DIODES-AP7315 Datasheet
643Kb / 23P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com