Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5235 Datasheet (PDF) - Micrel Semiconductor

MIC5235 Datasheet PDF - Micrel Semiconductor
Part # MIC5235
Download  MIC5235 Download
File Size   65.26 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Ultra-Low Quiescent Current, 150mA UCap LDO Regulator

MIC5235 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5235 Datasheet PDF - Micrel Semiconductor

Part # MIC5235
Download  MIC5235 Click to download

File Size   65.26 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Ultra-Low Quiescent Current, 150mA UCap LDO Regulator

MIC5235 Datasheet (HTML) - Micrel Semiconductor


MIC5235 Product details

General Description
The MIC5235 is a 150mA highly accurate, low dropout regulator with high input voltage and ultra-low ground current. This combination of high voltage and low ground current makes the MIC5235 ideal for USB and portable electronics applications, using 1-cell, 2-cell or 3-cell Li-Ion battery inputs.

Features
• Wide input voltage range: 2.3V to 24V
• Ultra low ground current: 18µA
• Low dropout voltage: 310mV at 150mA
• High output accuracy: ±2.0% over temperature
• µCap: stable with ceramic or tantalum capacitors
• Excellent line and load regulation specifications
• Zero shutdown current
• Reverse battery protection
• Reverse leakage protection
• Thermal shutdown and current limit protection
• IttyBitty® SOT-23-5 package
• Adjustable output from 1.24V-20V

Applications
• USB power supply
• Cellular phones
• Keep-alive supply in notebook and portable computers
• Logic supply for high-voltage batteries
• Automotive electronics
• Battery powered systems




Similar Part No. - MIC5235

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235-1.5BM5 MICREL-MIC5235-1.5BM5 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Microchip Technology
MIC5235-1.5BM5 MICROCHIP-MIC5235-1.5BM5 Datasheet
365Kb / 9P
Ultra-Low Quiescent Current, 150mA µCap LDO Regulator
May 2008
MIC5235-1.5YM5 MICROCHIP-MIC5235-1.5YM5 Datasheet
365Kb / 9P
Ultra-Low Quiescent Current, 150mA µCap LDO Regulator
May 2008
logo
Micrel Semiconductor
MIC5235-1.8BM5 MICREL-MIC5235-1.8BM5 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Microchip Technology
MIC5235-1.8BM5 MICROCHIP-MIC5235-1.8BM5 Datasheet
365Kb / 9P
Ultra-Low Quiescent Current, 150mA µCap LDO Regulator
May 2008
More results


Similar Description - MIC5235

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5232 MICREL-MIC5232 Datasheet
310Kb / 10P
10mA Ultra-Low Quiescent Current uCap LDO
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com