Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5295 Datasheet (PDF) - Micrel Semiconductor

MIC5295 Datasheet PDF - Micrel Semiconductor
Part # MIC5295
Download  MIC5295 Download
File Size   279.36 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Quiescent Current, 150mA LDO Regulator

MIC5295 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5295 Datasheet PDF - Micrel Semiconductor

Part # MIC5295
Download  MIC5295 Click to download

File Size   279.36 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Quiescent Current, 150mA LDO Regulator

MIC5295 Datasheet (HTML) - Micrel Semiconductor


MIC5295 Product details

General Description
The MIC5295 is a 150mA highly accurate, low dropout regulator with high input voltage and low ground current. This combination of high voltage and low ground current makes the MIC5295 ideal for USB and portable electronics applications, using 1-cell, 2-cell or 3-cell Li-Ion battery inputs.

Features
• Wide input voltage range: 2.3V to 24V
• Ultra low ground current: 18µA
• Low dropout voltage: 300mV at 150mA
• High initial output accuracy: ±1.0%
• Stable with ceramic or tantalum capacitors
• Excellent line and load regulation specifications
• Reverse battery protection
• Reverse leakage protection
• Thermal shutdown and current limit protection
• PowerTO-252-5 (D-Pak)package
• Adjustable output from 1.24V-20V

Applications
• USB power supply
• Cellular phones
• Keep-alive supply in notebook and portable computers
• Logic supply for high-voltage batteries
• Automotive electronics
• Battery powered systems




Similar Part No. - MIC5295

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295-3.0YD MICREL-MIC5295-3.0YD Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295-3.3YD MICREL-MIC5295-3.3YD Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295-5.0YD MICREL-MIC5295-5.0YD Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295YD MICREL-MIC5295YD Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
More results


Similar Description - MIC5295

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Unisonic Technologies
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com