Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5155 Datasheet (PDF) - Anpec Electronics Coropration

APL5155 Datasheet PDF - Anpec Electronics Coropration
Part # APL5155
Download  APL5155 Download
File Size   302.49 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High Input Voltage, Low Quiescent Current, 150mA LDO Regulator

APL5155 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5155 Datasheet PDF - Anpec Electronics Coropration

Part # APL5155
Download  APL5155 Click to download

File Size   302.49 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description High Input Voltage, Low Quiescent Current, 150mA LDO Regulator

APL5155 Datasheet (HTML) - Anpec Electronics Coropration


APL5155 Product details

General Description
The APL5155 is a low ground current linear regulator, which operates with input voltage from 5.4V to 25V and delivers output current up to 150mA. Typical dropout voltage is only 750mV at 150mA loading. This combination of the high voltage and the low ground current makes the APL5155 ideal for USB and portable devices, using 2-cell or 3-cell Li-Ion battery inputs.
The APL5155 is stable with aluminum, tantalum, and ceramic capacitors. It requires a 1mF or greater capacitor for stability.
The APL5155 has many protection functions, including over-temperature, current-limit and short circuit current limit protections, which prevent the device from thermal over-load and current over-load.
The APL5155 regulator is available in miniature SOT-23-5, SOT-89, and SOP-8P packages.

Features
• Wide Input Voltage Range: 5.4V to 25V
• Ultra Low Ground Current: 10mA
• High Output Accuracy: ±2.5%
• Excellent Load/Line Transient
• Low Dropout Voltage: 750mV @ 150mA
• Fixed Output Voltages for 5V/3.3V or Adjustable
   Voltage
• Built-In Current-Limit Protection
• Built-In Over-Temperature Protection
• Zero Shutdown Current
• Internal Soft-Start Function
• POR Scheme to Prevent VOUT Spike
• SOT-23-5, SOT-89, and SOP-8P Packages
• Lead Free and Green Devices Available
   (RoHS Compliant)

Applications
• USB Power Supply
• Keep-Alive Supply in Notebook and Portable
   Computers
• Logic Supply for High-Voltage Batteries
• Battery Powered Systems




Similar Part No. - APL5155

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533KAI-TRG ANPEC-APL515533KAI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515550BI-TRG ANPEC-APL515550BI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515550DI-TRG ANPEC-APL515550DI-TRG Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results


Similar Description - APL5155

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
logo
Anpec Electronics Corop...
APL5156 ANPEC-APL5156 Datasheet
309Kb / 18P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Unisonic Technologies
LM5954 UTC-LM5954 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL5155E ANPEC-APL5155E Datasheet
232Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com