Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5232 Datasheet (PDF) - Micrel Semiconductor

MIC5232 Datasheet PDF - Micrel Semiconductor
Part # MIC5232
Download  MIC5232 Download
File Size   310.34 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 10mA Ultra-Low Quiescent Current uCap LDO

MIC5232 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5232 Datasheet PDF - Micrel Semiconductor

Part # MIC5232
Download  MIC5232 Click to download

File Size   310.34 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 10mA Ultra-Low Quiescent Current uCap LDO

MIC5232 Datasheet (HTML) - Micrel Semiconductor


MIC5232 Product details

General Description

The MIC5232 is an ultra-low quiescent current, low dropout linear regulator that is capable of operating from a single-cell lithium ion battery. Consuming only 1.8µA of quiescent current while operating, the MIC5232 is ideal for stand-by applications like powering real-time clocks or memory in battery operated electronics.

The MIC5232 is capable of providing 10mA of output current and has low output noise, providing a small, efficient solution ideal for any keep-alive application. This includes reverse current protection, keeping reverse leakage (VOUT > VIN) down to 20nA.

The MIC5232 is a µCap design, operating with very small ceramic output capacitors for stability, reduction of required board space and component cost.

The MIC5232 is available in fixed output voltages in the miniature 6-pin 2mm x 2mm MLF® package and thin SOT-23-5 package with an operating junction temperature range of -40°C to 125°C.



Features

• Input voltage range: 2.7V to 7.0V

• Ultra-low Iq: Only 1.8µA operating current

• Stable with 0.47µF ceramic output capacitor

• Low dropout voltage of 100mV @ 10mA

• Reverse Battery Protection

• High output accuracy:

   – +2.0% initial accuracy

   – +3.0% over temperature

• Logic-Level Enable Input

• Miniature 6-pin 2mm x 2mm MLF package

• Lead-Free Thin SOT-23-5 Package

• Tight Load and Line Regulation



Applications

• Real-Time Clock Power Supply

• Stand-by Power Supply

• SRAM Memory Back-up Supply

• Cellular Telephones and Notebook Computers



 




Similar Part No. - MIC5232

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232-1.2YD5 MICREL-MIC5232-1.2YD5 Datasheet
365Kb / 10P
10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5232-1.2YD5 MICREL-MIC5232-1.2YD5 Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
MIC5232-1.2YML MICREL-MIC5232-1.2YML Datasheet
365Kb / 10P
10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5232-1.2YML MICREL-MIC5232-1.2YML Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
MIC5232-1.8YD5 MICREL-MIC5232-1.8YD5 Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
More results


Similar Description - MIC5232

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
10mA Ultra-Low Quiescent Current 關Cap LDO
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Micrel Semiconductor
MIC5232 MICREL-MIC5232_12 Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com