Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA221 Datasheet (PDF) - ON Semiconductor

FSA221 Datasheet PDF - ON Semiconductor
Part # FSA221
Download  FSA221 Download
File Size   1057.45 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Speed Audio Switches

FSA221 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA221 Datasheet PDF - ON Semiconductor

Part # FSA221
Download  FSA221 Click to download

File Size   1057.45 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Speed Audio Switches

FSA221 Datasheet (HTML) - ON Semiconductor


FSA221 Product details

Description
The FSA221 is a Double-Pole, Double Throw (DPDT) multiplexer that combines a low-distortion audio and a USB2.0 High-Speed (HS) switch path. This configuration enables audio and USB data to share a common connector port. The architecture is designed to allow audio signals to swing below ground. This means a common USB and headphone jack can be used for personal media players and portable peripheral devices.

Features
■ HS-USB: 4Ω Typical On Resistance
■ HS-USB: 4.5pF Typical On Capacitance
■ Audio: 3Ω Typical On Resistance
■ -3db Bandwidth: > 720MHz
■ Low Power Consumption
■ Power-off Protection on Common D+/R, D-/L Ports
■ Automatically Detects Vbus for Switch Path Selection

Applications
■ Cell Phone, PDA, Digital Camera, and Notebook
■ LCD Monitor, TV, and Set-Top Box




Similar Part No. - FSA221

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
116Kb / 2P
USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
446Kb / 2P
USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221L10X FAIRCHILD-FSA221L10X Datasheet
328Kb / 18P
USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221L10X FAIRCHILD-FSA221L10X Datasheet
116Kb / 2P
USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results


Similar Description - FSA221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2218-2N2219 STMICROELECTRONICS-2N2218-2N2219 Datasheet
71Kb / 5P
HIGH-SPEED SWITCHES
Jan-1989
2N2219A STMICROELECTRONICS-2N2219A Datasheet
73Kb / 8P
HIGH SPEED SWITCHES
Jun-1999
2N2894 STMICROELECTRONICS-2N2894 Datasheet
113Kb / 4P
HIGH-SPEED SATURATED SWITCHES
Oct-1988
BSX20 STMICROELECTRONICS-BSX20 Datasheet
65Kb / 6P
HIGH SPEED SATURATED SWITCHES
Nov-1997
2N2219A STMICROELECTRONICS-2N2219A_03 Datasheet
170Kb / 7P
HIGH SPEED SWITCHES
Feb-2003
logo
Comset Semiconductor
2N2894 COMSET-2N2894 Datasheet
81Kb / 2P
HIGH-SPEED SATURATED SWITCHES
2N2894 COMSET-2N2894_12 Datasheet
78Kb / 3P
HIGH-SPEED SATURATED SWITCHES
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
172Kb / 7P
HIGH SPEED SWITCHES
Feb-2003
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
FSA223 ONSEMI-FSA223 Datasheet
612Kb / 18P
High-Speed Audio Switches
November 2012 Rev. 1.0.4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com