Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA221 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA221
Description  High-Speed Audio Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA221 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA221 Datasheet HTML 1Page - ON Semiconductor FSA221 Datasheet HTML 2Page - ON Semiconductor FSA221 Datasheet HTML 3Page - ON Semiconductor FSA221 Datasheet HTML 4Page - ON Semiconductor FSA221 Datasheet HTML 5Page - ON Semiconductor FSA221 Datasheet HTML 6Page - ON Semiconductor FSA221 Datasheet HTML 7Page - ON Semiconductor FSA221 Datasheet HTML 8Page - ON Semiconductor FSA221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA221
• Rev. 1.1.0
3
Functional Description
The FSA221 is a combined USB and audio switch that
enables sharing the D+/D- lines of a USB connector with
stereo audio CODEC outputs. The switch is optimized
for high-speed USB signals and includes an automatic
Vbus-detection circuit. When a USB connector, rather
than a headphone, is connected to the ultra-portable
device the switch is automatically configured for high-
speed USB data transfer. If no Vbus is detected, and yet
VAUDIO is present, the switch is configured for the low-
distortion audio switch path. The audio switch path also
handles
negative
signals
(down
to
-2V),
which
eliminates the need for large coupling capacitors.
For those applications where the Vbus is generated as a
self-powered device or where Vbus is not removed, the
ASel pin provides the ability to switch, under software
control, to the audio path. The ASel pin is internally
terminated by a resistor to GND (typical value 3M) and
requires no connection for the standard ultra-portable
(cell-phone, MP3, or portable media player). In an
application where the supply to the FSA221 Vbus pin is
not guaranteed to be removed, a GPIO pin can be used
to switch out of high-speed USB mode into audio mode,
using the ASel pin.
The FSA221 Vbus pin must be connected directly to Vbus
or a supply > 3.8V, not an LDO regulated down to 3.6V
or a Vbat-generated supply that may fall below 3.8V in
normal operation.
Application Diagram
V
bus
V
audio
Switch Select
Control Circuitry
D+/R
D-/L
D+
R
D-
L
A
Sel
Rpd
GND
GND
5V
Audio
CODEC
3.0V - 3.6V
USB
Mini -AB
Connector
V
bus
ID
USB 2.0
Source
Figure 5.
Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com