Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA1208 Datasheet (PDF) - ON Semiconductor

FSA1208 Datasheet PDF - ON Semiconductor
Part # FSA1208
Download  FSA1208 Download
File Size   471.95 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Power, Eight-Port, High-Speed Isolation Switch

FSA1208 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA1208 Datasheet PDF - ON Semiconductor

Part # FSA1208
Download  FSA1208 Click to download

File Size   471.95 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Power, Eight-Port, High-Speed Isolation Switch

FSA1208 Datasheet (HTML) - ON Semiconductor


FSA1208 Product details

Description
The FSA1208 is a low -pow er, eight-port, high-speed sw itch. This part is configured as a single-pole, single throw sw itch and is optimized for isolating a high speed source, such as a DDR memory bus. The FSA1208 features an extremely low on capacitance (CON) of 6 pF Superior channel-to-channel crosstalk minimizes interference.

Features
■ Low On Capacitance: 6 pF Typical
■ Low On Resistance: 15 Ω Typical
■ Low Pow er Consumption: 1 A Maximum
■ 10 μA Maximum ICCT over an Expanded Voltage Range (VIN=2.3 V, VCC=4.3 V)
■ Wide -3 dB Bandw idth: > 400 MHz
■ Packaged in Space-Saving 20-Lead MLP (2.5 x 4.5 mm)
■ 7.5 kV ESD Rating; >16 kV Pow er/GND ESD Rating
■ Low COFF Capacitance: 2.5 pF Typical

Applications
■ DIMM DDR Memory




Similar Part No. - FSA1208

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1208 FAIRCHILD-FSA1208 Datasheet
348Kb / 2P
Low-Power, Eight-Port, High-Speed Isolation Switch
FSA1208BQX FAIRCHILD-FSA1208BQX Datasheet
348Kb / 2P
Low-Power, Eight-Port, High-Speed Isolation Switch
More results


Similar Description - FSA1208

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSA642 FAIRCHILD-FSA642 Datasheet
441Kb / 2P
Low-Power, Three-Port, High-Speed MIPI Switch
FSA1208 FAIRCHILD-FSA1208 Datasheet
348Kb / 2P
Low-Power, Eight-Port, High-Speed Isolation Switch
FSA1211 FAIRCHILD-FSA1211 Datasheet
455Kb / 2P
Low-Power, Twelve-Port, High-Speed Isolation Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
FSA642 FAIRCHILD-FSA642_12 Datasheet
1Mb / 3P
Low-Power, Three-Port, High-Speed MIPI Switch
FSUSB20 FAIRCHILD-FSUSB20_12 Datasheet
703Kb / 12P
Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
logo
ON Semiconductor
FSA642 ONSEMI-FSA642 Datasheet
1Mb / 12P
Low-Power, Three-Port, High-Speed MIPI Switch
December-2017, Rev. 2
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
FSUSB43 ONSEMI-FSUSB43 Datasheet
808Kb / 8P
Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com