Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA642 Datasheet (PDF) - ON Semiconductor

FSA642 Datasheet PDF - ON Semiconductor
Part # FSA642
Download  FSA642 Download
File Size   1113.88 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Power, Three-Port, High-Speed MIPI Switch

FSA642 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA642 Datasheet PDF - ON Semiconductor

Part # FSA642
Download  FSA642 Click to download

File Size   1113.88 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Power, Three-Port, High-Speed MIPI Switch

FSA642 Datasheet (HTML) - ON Semiconductor


FSA642 Product details

Description
The FSA642 is a bi-directional, low -pow er, high-speed analog sw itch. The pin out is designed to ease differential signal layout and is configured as a triplepole, double-throw sw itch (TPDT). The FSA642 is optimized for sw itching betw een tw o MIPI devices, such as cameras or LCD displays and on-board Multimedia Application Processors (MAP).

Features
■ Low On Capacitance: 7.0 pF Typical
■ Low On Resistance: 7.0 Ω Typical
■ Wide -3db Bandw idth: 1 GHz Typical
■ 24-Lead UMLP (2.5 x 3.4 mm) Package
■ 8 kV ESD Rating; >16 kV Pow er/GND ESD Rating

Applications
■ Dual Camera Applications for Cell Phones
■ Dual LCD Applications for Cell Phones, Digital Camera Displays, and View finders




Similar Part No. - FSA642

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA642 FAIRCHILD-FSA642 Datasheet
441Kb / 2P
Low-Power, Three-Port, High-Speed MIPI Switch
FSA642UMX FAIRCHILD-FSA642UMX Datasheet
441Kb / 2P
Low-Power, Three-Port, High-Speed MIPI Switch
FSA642UMX FAIRCHILD-FSA642UMX Datasheet
1Mb / 3P
Low-Power, Three-Port, High-Speed MIPI Switch
FSA642 FAIRCHILD-FSA642_12 Datasheet
1Mb / 3P
Low-Power, Three-Port, High-Speed MIPI Switch
More results


Similar Description - FSA642

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSA642 FAIRCHILD-FSA642 Datasheet
441Kb / 2P
Low-Power, Three-Port, High-Speed MIPI Switch
FSA1208 FAIRCHILD-FSA1208 Datasheet
348Kb / 2P
Low-Power, Eight-Port, High-Speed Isolation Switch
FSA1211 FAIRCHILD-FSA1211 Datasheet
455Kb / 2P
Low-Power, Twelve-Port, High-Speed Isolation Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
FSA642 FAIRCHILD-FSA642_12 Datasheet
1Mb / 3P
Low-Power, Three-Port, High-Speed MIPI Switch
logo
NXP Semiconductors
NX3DV642 PHILIPS-NX3DV642_15 Datasheet
833Kb / 16P
3-lane high-speed MIPI compatible switch
Rev. 1-20 August 2012
logo
ON Semiconductor
FSA1208 ONSEMI-FSA1208 Datasheet
471Kb / 9P
Low-Power, Eight-Port, High-Speed Isolation Switch
October-2017, Rev. 2
FSUSB43 ONSEMI-FSUSB43 Datasheet
808Kb / 8P
Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
logo
NXP Semiconductors
NX3DV642 NXP-NX3DV642 Datasheet
833Kb / 16P
3-lane high-speed MIPI compatible switch
Rev. 1 ??20 August 2012
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com