Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA642 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA642
Description  Low-Power, Three-Port, High-Speed MIPI Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA642 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA642 Datasheet HTML 1Page - ON Semiconductor FSA642 Datasheet HTML 2Page - ON Semiconductor FSA642 Datasheet HTML 3Page - ON Semiconductor FSA642 Datasheet HTML 4Page - ON Semiconductor FSA642 Datasheet HTML 5Page - ON Semiconductor FSA642 Datasheet HTML 6Page - ON Semiconductor FSA642 Datasheet HTML 7Page - ON Semiconductor FSA642 Datasheet HTML 8Page - ON Semiconductor FSA642 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.onsemi.com
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these lev els is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.50
+5.25
V
VCNTRL
DC Input Voltage (SEL, /OE)
(1)
-0.5
VCC
V
VSW
DC Sw itch I/O Voltage
(1)
-0.5
VCC + 0.3
V
IIK
DC Input Diode Current
-50
mA
IOUT
DC Output Current
50
mA
TSTG
Storage Temperature
-65
+150
°C
ESD
Human Body Model, JEDEC: JESD22-A114
All Pins
6.5
kV
I/O to GND
8.0
Pow er to GND
16.0
Charged Device Model, JEDEC: JESD22-C101
2.5
Note:
1.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. ON Semiconductor
does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.65
4.30
V
VCNTRL
Control Input Voltage (SEL, /OE)
(2)
0
VCC
V
VSW
Sw itch I/O Voltage
-0.5
VCC-1
V
TA
Operating Temperature
-40
+85
°C
Note:
2.
The control input must be held HIGH or LOW; it must not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com