Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP6N60TH Datasheet (PDF) - MagnaChip Semiconductor.

MDP6N60TH Datasheet PDF - MagnaChip Semiconductor.
Part # MDP6N60TH
Download  MDP6N60TH Download
File Size   1100.94 Kbytes
Page   9 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 600V, 6A, 1.4ohm

MDP6N60TH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP6N60TH Datasheet PDF - MagnaChip Semiconductor.

Part # MDP6N60TH
Download  MDP6N60TH Click to download

File Size   1100.94 Kbytes
Page   9 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 600V, 6A, 1.4ohm

MDP6N60TH Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDP6N60TH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDP651 MSYSTEM-MDP651 Datasheet
131Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDP65T MSYSTEM-MDP65T Datasheet
131Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Similar Description - MDP6N60TH

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
6A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD3N60C3S FAIRCHILD-HGTD3N60C3S Datasheet
265Kb / 7P
6A, 600V, UFS Series N-Channel IGBTs
logo
STMicroelectronics
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
logo
Rohm
R6006ANX ROHM-R6006ANX_12 Datasheet
1Mb / 14P
Nch 600V 6A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM60N750 TSC-TSM60N750 Datasheet
812Kb / 7P
600V, 6A, 0.75 N-Channel Power MOSFET
logo
Rohm
R6006JNX ROHM-R6006JNX Datasheet
2Mb / 14P
Nch 600V 6A Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
6N60A YFWDIODE-6N60A Datasheet
1Mb / 7P
6A 600V N-channel enhanced field effect transistor
logo
Renesas Technology Corp
N6006NZ RENESAS-N6006NZ Datasheet
260Kb / 8P
N-channel MOSFET 600V, 6A, 1.2Ω
Feb 18, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com