Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP6N60TH Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # MDP6N60TH
Description  N-Channel MOSFET 600V, 6A, 1.4ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP6N60TH Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

  MDP6N60TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP6N60TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP6N60TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP6N60TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP6N60TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP6N60TH Datasheet HTML 6Page - MagnaChip Semiconductor. MDP6N60TH Datasheet HTML 7Page - MagnaChip Semiconductor. MDP6N60TH Datasheet HTML 8Page - MagnaChip Semiconductor. MDP6N60TH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Feb. 2009 Version 1.3
MagnaChip Semiconductor Ltd
.
7
Physical Dimensions
3 Leads, TO-220F
Dimensions are in millimeters unless otherwise specified
S y mbol
Min
Nom
Max
A
4.50
4.93
b
0.63
0.91
b1
1.15
1.47
C
0.33
0.63
D
15.47
16.13
E
9.60
10.71
e
2.54
F
2.34
2.84
G
6.48
6.90
L
12.24
13.72
L1
2.79
3.67
Q
2.52
2.96
Q 1
3.10
3.50
¢R
3.00
3.55



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com