Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA40931 Datasheet (PDF) - List of Unclassifed Manufacturers

BA40931 Datasheet PDF - List of Unclassifed Manufacturers
Part # BA40931
Download  BA40931 Download
File Size   426.16 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP

BA40931 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA40931 Datasheet PDF - List of Unclassifed Manufacturers

Part # BA40931
Download  BA40931 Click to download

File Size   426.16 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP

BA40931 Datasheet (HTML) - List of Unclassifed Manufacturers


BA40931 Product details

[FACON]

single phase moulded bridges 0,8 Amp to 1,5 Amp

single phase moulded bridges 3 A to 6 A

moulded single phase bridges 10 A to 35 A

single phase moulded bridges 10 A to 50 A

moulded single phase bridges 25 A to 50 A




Similar Part No. - BA40931

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA400 L-COM-BA400 Datasheet
159Kb / 1P
RCA JACK TO RCA JACK BULKHEAD ADAPTOR
11/20/2001
BA4000 L-COM-BA4000 Datasheet
113Kb / 1P
ADAPTER TNC-M/TNC-F
BA400A L-COM-BA400A Datasheet
125Kb / 1P
RCA BULKHEAD FEED THRU
11/20/01
BA400B L-COM-BA400B Datasheet
159Kb / 1P
RCA JACK TO RCA JACK BULKHEAD ADAPTOR
11/20/2001
BA400G L-COM-BA400G Datasheet
159Kb / 1P
RCA JACK TO RCA JACK BULKHEAD ADAPTOR
11/20/2001
More results


Similar Description - BA40931

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
697 MICROSEMI-697 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY
JAN469-1 MICROSEMI-JAN469-1 Datasheet
95Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved
JANSPA25 MICROSEMI-JANSPA25 Datasheet
88Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
JANTX483-1 MICROSEMI-JANTX483-1 Datasheet
81Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
KBPC3027 MICROSEMI-KBPC3027 Datasheet
102Kb / 2P
30 AMP AVALANCHE BRIDGES
logo
International Rectifier
100JB IRF-100JB Datasheet
203Kb / 5P
10 to 35 Amp Rectifier Bridges
logo
Microsemi Corporation
469-01 MICROSEMI-469-01 Datasheet
210Kb / 3P
SINGLE PHASE 10 AMP RECTIFIER BRIDGES
483-01 MICROSEMI-483-01 Datasheet
239Kb / 3P
THREE PHASE 25 AMP RECTIFIER BRIDGES
logo
New Jersey Semi-Conduct...
469-1 NJSEMI-469-1 Datasheet
241Kb / 2P
RECTIFIER ASSEMBLIES Single Phase Bridges, 10 Amp, Military Approved
483-1 NJSEMI-483-1 Datasheet
107Kb / 1P
RECTIFIER ASSEMBLIES Three Phase Bridges, 25 Amp, Military Approved
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com