Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

697 Datasheet (PDF) - Microsemi Corporation

697 Datasheet PDF - Microsemi Corporation
Part # 697
Download  697 Download
File Size   79.61 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY

697 Datasheet (PDF)

Go To PDF Page Download Datasheet
697 Datasheet PDF - Microsemi Corporation

Part # 697
Download  697 Click to download

File Size   79.61 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY

697 Datasheet (HTML) - Microsemi Corporation


697 Product details

DESCRIPTION
The miniature molded high-current single-phase bridges are designed for universal application in power supplies.

FEATURES
● Miniature High Current Assemblies
● Continuous Ratings: to 7.5A
● Surge Ratings: to 80A
● PIVs: from 100V to 600V
● Recovery Times: to 500ns
● Only Fused-in-Glass Dioes Used
● Controlled Avalanche Characteristics




Similar Part No. - 697

ManufacturerPart #DatasheetDescription
logo
WERMA Signaltechnik Gmb...
697 000 55 WERMA-697 000 55 Datasheet
780Kb / 6P
The complete Signal Tower Solution
697 000 55 WERMA-697 000 55 Datasheet
99Kb / 2P
WERMA Signaltechnik GmbH Co. KG [WERMA]^2720
13.06.2006
697 010 55 WERMA-697 010 55 Datasheet
780Kb / 6P
The complete Signal Tower Solution
697 010 55 WERMA-697 010 55 Datasheet
99Kb / 2P
WERMA Signaltechnik GmbH Co. KG [WERMA]^2720
13.06.2006
697 020 55 WERMA-697 020 55 Datasheet
99Kb / 2P
WERMA Signaltechnik GmbH Co. KG [WERMA]^2720
13.06.2006
More results


Similar Description - 697

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
700 MICROSEMI-700 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
800 MICROSEMI-800 Datasheet
120Kb / 3P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
802 MICROSEMI-802 Datasheet
121Kb / 3P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES
JAN469-1 MICROSEMI-JAN469-1 Datasheet
95Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved
JANSPA25 MICROSEMI-JANSPA25 Datasheet
88Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
JANTX483-1 MICROSEMI-JANTX483-1 Datasheet
81Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
469-01 MICROSEMI-469-01 Datasheet
210Kb / 3P
SINGLE PHASE 10 AMP RECTIFIER BRIDGES
logo
New Jersey Semi-Conduct...
469-1 NJSEMI-469-1 Datasheet
241Kb / 2P
RECTIFIER ASSEMBLIES Single Phase Bridges, 10 Amp, Military Approved
483-1 NJSEMI-483-1 Datasheet
107Kb / 1P
RECTIFIER ASSEMBLIES Three Phase Bridges, 25 Amp, Military Approved
UT5105 NJSEMI-UT5105 Datasheet
221Kb / 3P
Standard Recovery, 7.5 Amp to 12 Amp
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com