Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

802 Datasheet (PDF) - Microsemi Corporation

802 Datasheet PDF - Microsemi Corporation
Part # 802
Download  802 Download
File Size   121.8 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES

802 Datasheet (PDF)

Go To PDF Page Download Datasheet
802 Datasheet PDF - Microsemi Corporation

Part # 802
Download  802 Click to download

File Size   121.8 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES

802 Datasheet (HTML) - Microsemi Corporation


802 Product details

• Current ratings to 35A

• VRRM to 150V

• Only fused-in-glass diodes used

• 150 °C junction temperature

• Surge ratings to 25A

• Recovery time: 50nS

• Electrically isolated Aluminum case

• MIL-PRF-19500 Similarity

• Sn/Pb terminations




Similar Part No. - 802

ManufacturerPart #DatasheetDescription
logo
Littelfuse
802 LITTELFUSE-802 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Unisonic Technologies
802 UTC-802 Datasheet
30Kb / 2P
3/4 STRINGS Xmas LIGHT CONTROL
logo
Mill-Max Mfg. Corp.
802 MILL-MAX-802 Datasheet
300Kb / 1P
INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Double Row
logo
List of Unclassifed Man...
802 ETC2-802 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
logo
Alpha Wire
802 ALPHAWIRE-802 Datasheet
165Kb / 2P
M8 Plastic Passive I/O Box
More results


Similar Description - 802

ManufacturerPart #DatasheetDescription
logo
Bytes
MB3505 BYTES-MB3505 Datasheet
100Kb / 1P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Microsemi Corporation
697 MICROSEMI-697 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY
700 MICROSEMI-700 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
800 MICROSEMI-800 Datasheet
120Kb / 3P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
JAN469-1 MICROSEMI-JAN469-1 Datasheet
95Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved
JANSPA25 MICROSEMI-JANSPA25 Datasheet
88Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
JANTX483-1 MICROSEMI-JANTX483-1 Datasheet
81Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
logo
New Jersey Semi-Conduct...
469-1 NJSEMI-469-1 Datasheet
241Kb / 2P
RECTIFIER ASSEMBLIES Single Phase Bridges, 10 Amp, Military Approved
1N5802 NJSEMI-1N5802 Datasheet
135Kb / 2P
HIGH EFFICIENCY, ESP,K 2.5 AMP TO 20 AMP
logo
Goodwork Semiconductor ...
MP3505W GWSEMI-MP3505W Datasheet
67Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com