Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSI30 Datasheet (PDF) - IXYS Corporation

DSI30 Datasheet PDF - IXYS Corporation
Part # DSI30
Download  DSI30 Download
File Size   89.91 Kbytes
Page   1 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Rectifier Diode ISOPLUS220

DSI30 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSI30 Datasheet PDF - IXYS Corporation

Part # DSI30
Download  DSI30 Click to download

File Size   89.91 Kbytes
Page   1 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Rectifier Diode ISOPLUS220

DSI30 Datasheet (HTML) - IXYS Corporation


DSI30 Product details

Features
• Silicon chip on Direct-Copper-Bond substrate
   - High power dissipation
   - Isolated mounting surface
   - 2500V electrical isolation
• Low cathode to tab capacitance(15pF typical)
• International standard package
• Epoxy meets UL 94V-0




Similar Part No. - DSI30

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSI30-08A IXYS-DSI30-08A Datasheet
50Kb / 2P
Rectifier Diode
DSI30-08A IXYS-DSI30-08A Datasheet
141Kb / 5P
Standard Rectifier
DSI30-08A IXYS-DSI30-08A Datasheet
323Kb / 5P
Standard Rectifier
logo
Inchange Semiconductor ...
DSI30-08A ISC-DSI30-08A Datasheet
297Kb / 2P
Standard Rectifier Diode
logo
IXYS Corporation
DSI30-08AC IXYS-DSI30-08AC Datasheet
141Kb / 5P
Standard Rectifier
More results


Similar Description - DSI30

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP8-08AC IXYS-DSP8-08AC Datasheet
393Kb / 1P
Phase-leg Rectifier Diode ISOPLUS220
DSEA16-06BC IXYS-DSEA16-06BC Datasheet
539Kb / 3P
HiPerDynFRED Epitaxial Diode ISOPLUS220
IXFC24N50 IXYS-IXFC24N50 Datasheet
67Kb / 2P
HiPerFET MOSFETs ISOPLUS220
DSEE15-12CC IXYS-DSEE15-12CC Datasheet
516Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220 (15A, 1200V, 35ns)
DESC29-06AC IXYS-DESC29-06AC Datasheet
74Kb / 2P
HiPerFRED Epitaxial Diode ISOPLUS220 Electrically Isolated Back Surface
IXTC13N50 IXYS-IXTC13N50 Datasheet
71Kb / 2P
Power MOSFET ISOPLUS220
DSEE6-06CC IXYS-DSEE6-06CC Datasheet
509Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220 Electrically Isolated Back Surface
IXFC13N50 IXYS-IXFC13N50 Datasheet
512Kb / 2P
HiPerFET MOSFET ISOPLUS220
IXFC80N085 IXYS-IXFC80N085 Datasheet
530Kb / 2P
HiPerFET MOSFET ISOPLUS220
DSP8 IXYS-DSP8 Datasheet
1Mb / 1P
Phase-leg Rectifier Diode ISOPLUS220
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com