Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DESC29-06AC Datasheet (PDF) - IXYS Corporation

DESC29-06AC Datasheet PDF - IXYS Corporation
Part # DESC29-06AC
Download  DESC29-06AC Download
File Size   74.17 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFRED Epitaxial Diode ISOPLUS220 Electrically Isolated Back Surface

DESC29-06AC Datasheet (PDF)

Go To PDF Page Download Datasheet
DESC29-06AC Datasheet PDF - IXYS Corporation

Part # DESC29-06AC
Download  DESC29-06AC Click to download

File Size   74.17 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFRED Epitaxial Diode ISOPLUS220 Electrically Isolated Back Surface

DESC29-06AC Datasheet (HTML) - IXYS Corporation


DESC29-06AC Product details

Features
 • Silicon chip on Direct-Copper-Bond substrate
    - High power dissipation
    - Isolated mounting surface
    - 2500V electrical isolation
 • Low cathode to tab capacitance (<15pF)
 • Planar passivated chips
 • Very short recovery time
 • Extremely low switching losses
 • Low IRM-values
 • Soft recovery behaviour
 • Epoxy meets UL 94V-0

Applications
 • Antiparallel diode for high frequency switching devices
 • Antisaturation diode
 • Snubber diode
 • Free wheeling diode in converters and motor control circuits
 • Rectifiers in switch mode power supplies (SMPS)
 • Inductive heating
 • Uninterruptible power supplies (UPS)
 • Ultrasonic cleaners and welders

Advantages
 • Avalanche voltage rated for reliable operation
 • Soft reverse recovery for low EMI/RFI
 • Low IRM reduces:
    - Power dissipation within the diode
    - Turn-on loss in the commutating switch




Similar Part No. - DESC29-06AC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DESC32E102KN2A MURATA-DESC32E102KN2A Datasheet
45Kb / 1P
High Voltage Ceramic Capacitors (250V-6.3kV)
DESC32H102KN2A MURATA-DESC32H102KN2A Datasheet
45Kb / 1P
High Voltage Ceramic Capacitors (250V-6.3kV)
DESC33A102KN2A MURATA-DESC33A102KN2A Datasheet
45Kb / 1P
High Voltage Ceramic Capacitors (250V-6.3kV)
logo
List of Unclassifed Man...
DESC92017 ETC1-DESC92017 Datasheet
70Kb / 2P
GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
DESC92017 ETC1-DESC92017 Datasheet
70Kb / 2P
GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
More results


Similar Description - DESC29-06AC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP30-06CR IXYS-DSEP30-06CR Datasheet
21Kb / 1P
HiPerDynFREDTM Epitaxial Diode with soft recovery (Electrically Isolated Back Surface)
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
Electrically Isolated Back Surface
DSS17-06CR IXYS-DSS17-06CR Datasheet
42Kb / 2P
HiPerDyn-TM Schottky Diode (Electrically Isolated Back Surface)
DSEE6-06CC IXYS-DSEE6-06CC Datasheet
509Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220 Electrically Isolated Back Surface
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
Electrically Isolated Back Surface
IXGC16N60C2 IXYS-IXGC16N60C2 Datasheet
541Kb / 2P
Electrically Isolated Back Surface
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
Electrically Isolated Back Surface
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com