Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE77 Datasheet (PDF) - NTE Electronics

NTE77 Datasheet PDF - NTE Electronics
Part # NTE77
Download  NTE77 Download
File Size   23.29 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Broadband CATV Driver

NTE77 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE77 Datasheet PDF - NTE Electronics

Part # NTE77
Download  NTE77 Click to download

File Size   23.29 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Broadband CATV Driver

NTE77 Datasheet (HTML) - NTE Electronics


NTE77 Product details

Description:

The NTE77 is an NPN transistor in a TO39 type case designed to be utilized in broadband and linear amplifier circuitry requiring low noise and low intermodulation distortion. This device is suitable for use in CATV driver stages in trunk line, bridger, and line extender amplifiers.



Features:

• High Gain–Bandwidth Product: fT = 1.5GHz Typ

• Low Intermodulation, Low Cross–Modulation Distortion: X–MOD = –57dB

• Low Noise Figure: NF = 2.7dB Typ

• Low Output Capacitance: Cob = 3.5pF Max @ VCB = 30V



 




Similar Part No. - NTE77

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE778A NTE-NTE778A Datasheet
27Kb / 3P
Integrated Circuit Dual Operational Amplifier
NTE778SM NTE-NTE778SM Datasheet
27Kb / 3P
Integrated Circuit Dual Operational Amplifier
More results


Similar Description - NTE77

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFT12 SIEMENS-BFT12 Datasheet
88Kb / 4P
NPN SILICON RF BROADBAND TRANSISTOR
BFT75 SIEMENS-BFT75 Datasheet
68Kb / 3P
NPN SILICON RF BROADBAND TRANSISTOR
BFW16A SIEMENS-BFW16A Datasheet
58Kb / 3P
NPN SILICON RF BROADBAND TRANSISTOR
BFW30 SIEMENS-BFW30 Datasheet
61Kb / 3P
NPN SILICON RF BROADBAND TRANSISTOR
BFW93 SIEMENS-BFW93 Datasheet
63Kb / 3P
NPN SILICON RF BROADBAND TRANSISTOR
logo
NTE Electronics
NTE76 NTE-NTE76 Datasheet
83Kb / 2P
Silicon NPN Transistor Broadband CATV Amplifier
logo
M/A-COM Technology Solu...
MAPDCT0017 MA-COM-MAPDCT0017 Datasheet
169Kb / 4P
Broadband CATV
MAPDCT0017 MA-COM-MAPDCT0017 Datasheet
169Kb / 4P
Broadband CATV
MACPCT0039 MA-COM-MACPCT0039_15 Datasheet
69Kb / 3P
Broadband CATV
MACPCT0040 MA-COM-MACPCT0040_15 Datasheet
85Kb / 3P
Broadband CATV
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com