Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE76 Datasheet (PDF) - NTE Electronics

NTE76 Datasheet PDF - NTE Electronics
Part # NTE76
Download  NTE76 Download
File Size   83.09 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Broadband CATV Amplifier

NTE76 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE76 Datasheet PDF - NTE Electronics

Part # NTE76
Download  NTE76 Click to download

File Size   83.09 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Broadband CATV Amplifier

NTE76 Datasheet (HTML) - NTE Electronics


NTE76 Product details

Description:

The NTE76 is an NPN transistor in a TO117 type case designed to be utilized in broadband linear amplifier circuitry such as CATV trunk, bridger, and line extender amplifiers.



Features:

• High Gain−Bandwidth Product: fT = 1.5GHz

• Low Intermodulation, Low Cross−Modulation Distortion: X−MOD = −50dB

• Low Noise Figure: NF = 2.7dB

• High Power Gain: GVE = 10dB



 




Similar Part No. - NTE76

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE70 NTE-NTE70 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Power Amp, Switch
NTE700 NTE-NTE700 Datasheet
22Kb / 2P
Integrated Circuit TV Chroma System
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
Integrated Circuit 5W Audio Amplifier with Muting
NTE7001 NTE-NTE7001 Datasheet
40Kb / 5P
Integrated Circuit Horizontal Combination Circuit for Color TV & Computer Monitors
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
Integrated Circuit Switched Mode Power Supply Control
More results


Similar Description - NTE76

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE77 NTE-NTE77 Datasheet
23Kb / 2P
Silicon NPN Transistor Broadband CATV Driver
logo
M/A-COM Technology Solu...
MAAM-009633 MA-COM-MAAM-009633 Datasheet
203Kb / 4P
Broadband CATV Amplifier
MAAM-010373 MA-COM-MAAM-010373 Datasheet
195Kb / 5P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041_15 Datasheet
169Kb / 4P
Broadband CATV Amplifier
MAAMSS0042 MA-COM-MAAMSS0042_15 Datasheet
158Kb / 4P
Broadband CATV Amplifier
MAAMSS0041 MA-COM-MAAMSS0041_16 Datasheet
892Kb / 5P
Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060_15 Datasheet
857Kb / 7P
Broadband CATV Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com