Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3656 Datasheet (PDF) - Unisonic Technologies

UC3656 Datasheet PDF - Unisonic Technologies
Part # UC3656
Download  UC3656 Download
File Size   372.51 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER

UC3656 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3656 Datasheet PDF - Unisonic Technologies

Part # UC3656
Download  UC3656 Click to download

File Size   372.51 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER

UC3656 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UC3656

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3656 UTC-UC3656 Datasheet
178Kb / 7P
1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
UC3656 UTC-UC3656 Datasheet
266Kb / 7P
1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER
UC3656G-AF5-R UTC-UC3656G-AF5-R Datasheet
178Kb / 7P
1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
UC3656G-AF5-R UTC-UC3656G-AF5-R Datasheet
266Kb / 7P
1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER
UC3656L-AF5-R UTC-UC3656L-AF5-R Datasheet
266Kb / 7P
1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - UC3656

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
1A / 1.5MHz Synchronous Buck Converter
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
1A / 1.4MHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
1.5 MHz, 1A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4011B IDT-ZSPM4011B Datasheet
655Kb / 21P
High Efficiency 1A Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com