Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3656 Datasheet (PDF) - Unisonic Technologies

UC3656 Datasheet PDF - Unisonic Technologies
Part # UC3656
Download  UC3656 Download
File Size   266.21 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER

UC3656 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3656 Datasheet PDF - Unisonic Technologies

Part # UC3656
Download  UC3656 Click to download

File Size   266.21 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER

UC3656 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UC3656

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3656 UTC-UC3656 Datasheet
178Kb / 7P
1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
UC3656 UTC-UC3656 Datasheet
372Kb / 7P
1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
UC3656G-AF5-R UTC-UC3656G-AF5-R Datasheet
178Kb / 7P
1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
UC3656G-AF5-R UTC-UC3656G-AF5-R Datasheet
372Kb / 7P
1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
UC3656L-AF5-R UTC-UC3656L-AF5-R Datasheet
372Kb / 7P
1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
More results


Similar Description - UC3656

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1366 ETC-AT1366 Datasheet
903Kb / 13P
1MHZ 800MA SYNCHRONOUS BUCK CONTROLLER
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
AT1367A AIMTRON-AT1367A Datasheet
658Kb / 14P
1MHz, 800mA Synchronous Buck Converter With Power Good Detector & LDO
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
logo
Sipex Corporation
SP6654 SIPEX-SP6654_05 Datasheet
184Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Unisonic Technologies
UC3656 UTC-UC3656 Datasheet
178Kb / 7P
1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
800mA 1.5MHz 7V Synchronous Buck Converter
logo
Renesas Technology Corp
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
Wide VIN 800mA Synchronous Buck Regulator
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com