Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2052 Datasheet (PDF) - STMicroelectronics

ST2052 Datasheet PDF - STMicroelectronics
Part # ST2052
Download  ST2052 Download
File Size   417.99 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CURRENT LIMITED POWER DISTRIBUTION SWITCHES

ST2052 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2052 Datasheet PDF - STMicroelectronics

Part # ST2052
Download  ST2052 Click to download

File Size   417.99 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CURRENT LIMITED POWER DISTRIBUTION SWITCHES

ST2052 Datasheet (HTML) - STMicroelectronics


ST2052 Product details

Description
The ST2052 power distribution switches is intended for application where heavy capacitive loads and short circuits are likely to be encountered. These devices incorporate 80mW N-channel MOSFET high-side power switches for power-distribution systems that require multiple powers switches in a single package. Each switch is controlled by an independent logic enable input. Gate drive is provided by an internal charge pump designed to control the power-switch rise times and fall times to minimize current surges during switching. The charge pump requires no external components and allows operation from supplies as low as 2.7 V.

Features
■ 80mΩ high-side MOSFET switch
■ 500mA continuos current per channel
■ independent thermal and short-circuit protection with overcurrent logic output
■ Operating range from 2.7V to 5.5V
■ CMOS- and TTL-compatible enable inputs
■ 10ms OC_N fault blanking
■ 2.5ms typical rise time
■ Under voltage lock out
■ 10µA maximum standby supply current
■ Ambient temperature range, -40°C to 85°C
■ ESD protection




Similar Part No. - ST2052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2052 STMICROELECTRONICS-ST2052 Datasheet
175Kb / 13P
Current limited Power distribution switches
30-May-2007
ST2052BD STMICROELECTRONICS-ST2052BD Datasheet
175Kb / 13P
Current limited Power distribution switches
30-May-2007
ST2052BDR STMICROELECTRONICS-ST2052BDR Datasheet
175Kb / 13P
Current limited Power distribution switches
30-May-2007
ST2052 STMICROELECTRONICS-ST2052_07 Datasheet
175Kb / 13P
Current limited Power distribution switches
30-May-2007
More results


Similar Description - ST2052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com