Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2052 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST2052
Description  CURRENT LIMITED POWER DISTRIBUTION SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2052 Datasheet(HTML) 2 Page - STMicroelectronics

  ST2052 Datasheet HTML 1Page - STMicroelectronics ST2052 Datasheet HTML 2Page - STMicroelectronics ST2052 Datasheet HTML 3Page - STMicroelectronics ST2052 Datasheet HTML 4Page - STMicroelectronics ST2052 Datasheet HTML 5Page - STMicroelectronics ST2052 Datasheet HTML 6Page - STMicroelectronics ST2052 Datasheet HTML 7Page - STMicroelectronics ST2052 Datasheet HTML 8Page - STMicroelectronics ST2052 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ST2052
2/9
Figure 1: Pin Configuration
Table 2: Pin Description
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Note1: All voltage are referred to GND
Table 4: Recommended Operating Condition
Pln N°
Symbol
Name And Function
1
GND
Ground
2
IN
Input Voltage
3
EN1
Enable Input. Logic High Turns
On Power Switch IN-OUT1
4
EN2
Enable Input. Logic High Turns
On Power Switch IN-OUT2
5OC2
Overcurrent. Logic Output
Active Low IN-OUT2
6
OUT2
Power Switch Output
7
OUT1
Power Switch Output
8OC1
Overcurrent. Logic Output
Active Low IN-OUT2
Symbol
Parameter
Value
Unit
VI
Input Voltage Range (Note 1)
-0.3 to 6
V
VO
Output Voltage Range (Note 1)
-0.3 to (VI +0.3)
V
VIENX
Input Voltage Range
-0.3 to 6
V
IO
Continuous Output Current
Internally Limited
ESD
Electrostatic Discharge
2
kV
TJ
Operating Junction Temperature
-40 to 125
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VI
Input Voltage Range (Note 1)
2.7
5.5
V
VO
Output Voltage Range (Note 1)
0
5.5
V
IO
Continuous Output Current (Per Switch)
0
500
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com