Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1268 Datasheet (PDF) - Microchip Technology

TC1268 Datasheet PDF - Microchip Technology
Part # TC1268
Download  TC1268 Download
File Size   448.58 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 500mA Fixed Output, Fast Response CMOS LDO with Shutdown

TC1268 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1268 Datasheet PDF - Microchip Technology

Part # TC1268
Download  TC1268 Click to download

File Size   448.58 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 500mA Fixed Output, Fast Response CMOS LDO with Shutdown

TC1268 Datasheet (HTML) - Microchip Technology


TC1268 Product details

General Description

The TC1268 is a fixed output, fast turn-on, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1268’s CMOS construction eliminates wasted ground current, significantly extending battery life. Total supply current is typically 80µA at full load (20 to 60 times lower than in bipolar regulators).



Features

• Very Low Dropout Voltage

• 500mA Output Current

• High Output Voltage Accuracy

• Standard or Custom Output Voltages

• Over Current and Over Temperature Protection

• SHDN Input for Active Power Management

• ERROR Output to Detect Low Battery

• 5µsec (typical) Wake-up Time from SHDN



Applications

• RAMBUS Memory Module

• Battery-Operated Systems

• Portable Computers

• Medical Instruments

• Instrumentation

• Cellular/GSM/PHS Phones

• Linear Post-Regulator for SMPS

• Pagers

• Digital Cameras




Similar Part No. - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC126 MICROCHIP-TC126 Datasheet
459Kb / 12P
PFM Step-Up DC/DC Regulators
2002
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
591Kb / 20P
500 mA Fixed Output CMOS LDO
Revision D October 2023
More results


Similar Description - TC1268

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
500mA Fixed Output CMOS LDO with Shutdown
2002
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com