Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1262 Datasheet (PDF) - Microchip Technology

TC1262 Datasheet PDF - Microchip Technology
Part # TC1262
Download  TC1262 Download
File Size   591.7 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 500 mA Fixed Output CMOS LDO

TC1262 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1262 Datasheet PDF - Microchip Technology

Part # TC1262
Download  TC1262 Click to download

File Size   591.7 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 500 mA Fixed Output CMOS LDO

TC1262 Datasheet (HTML) - Microchip Technology


TC1262 Product details

Features
• AEC-Q100 Automotive Qualified, See Product
Identification System
• Very Low Dropout Voltage
• 500 mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Overcurrent and Overtemperature Protection
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers




Similar Part No. - TC1262

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
More results


Similar Description - TC1262

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
800 mA Fixed-Output CMOS LDO with Shutdown
2004
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
logo
ON Semiconductor
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Rohm
BD4XXS5-C ROHM-BD4XXS5-C Datasheet
2Mb / 41P
For Automotive 45 V Input 500 mA Fixed Output LDO Regulators
26.Oct.2022 Rev.002
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com