Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6219 Datasheet (PDF) - ON Semiconductor

CAT6219 Datasheet PDF - ON Semiconductor
Part # CAT6219
Download  CAT6219 Download
File Size   179.49 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA CMOS LDO Regulator

CAT6219 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT6219 Datasheet PDF - ON Semiconductor

Part # CAT6219
Download  CAT6219 Click to download

File Size   179.49 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA CMOS LDO Regulator

CAT6219 Datasheet (HTML) - ON Semiconductor


CAT6219 Product details

Description

The CAT6219 is a 500 mA CMOS low dropout regulator that provides fast response time during load current and line voltage

changes.



Features

•Guaranteed 500 mA Peak Output Current

•Low Dropout Voltage of 300 mV Typical at 500 mA

•Stable with Ceramic Output Capacitor

•External 10 nF Bypass Capacitor for Low Noise

•Quick−start Feature

•Under Voltage Lockout

•No−load Ground Current of 55 A Typical

•Full−load Ground Current of 85 A Typical

•±1.0% Initial Accuracy (VOUT ≥2.0 V)

•±2.0% Accuracy Over Temperature (VOUT ≥2.0 V)

•“Zero” Current Shutdown Mode

•Fold−back Current Limit

•Thermal Protection

•5−lead TSOT−23, 6−pad WDFN and TDFN Packages

•These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant



Applications

•Cellular Phones

•Battery−powered Devices

•Consumer Electronics




Similar Part No. - CAT6219

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
500mA CMOS LDO Regulator
CAT6219 CATALYST-CAT6219 Datasheet
282Kb / 10P
500mA CMOS LDO Regulator
CAT6219-125TD-GT3 CATALYST-CAT6219-125TD-GT3 Datasheet
282Kb / 10P
500mA CMOS LDO Regulator
logo
ON Semiconductor
CAT6219-125TDGT3 ONSEMI-CAT6219-125TDGT3 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Catalyst Semiconductor
CAT6219-180TD-GT3 CATALYST-CAT6219-180TD-GT3 Datasheet
297Kb / 10P
500mA CMOS LDO Regulator
More results


Similar Description - CAT6219

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
500 MA DUAL LDO REGULATOR
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
logo
ON Semiconductor
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
500 mA LDO Linear Regulator
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
Dual 500 mA LDO Regulator
09/14/21
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com