Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9184 Datasheet (PDF) - Richtek Technology Corporation

RT9184 Datasheet PDF - Richtek Technology Corporation
Part # RT9184
Download  RT9184 Download
File Size   186.1 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500 MA DUAL LDO REGULATOR

RT9184 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9184 Datasheet PDF - Richtek Technology Corporation

Part # RT9184
Download  RT9184 Click to download

File Size   186.1 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500 MA DUAL LDO REGULATOR

RT9184 Datasheet (HTML) - Richtek Technology Corporation


RT9184 Product details

General Description
The RT9184 is a dual-channel, low noise, and low dropout regulator supplying up to 500mA current at each channel. The output voltage ranges from 1.5V to 3.3V in 100mV increment and 2% accuracy by operating from a +2.7V to +6.5V input.

Features
• Up to 500mA Output Current (Each LDO)
• Current Limiting and Thermal Protection
• Short Circuit Protection
• 650mV Dropout at 500mA Load
• Two LDOs in Power SOP-8 Package

Applications
• Desktop Computers
• CD-RW
• LCD Monitor
• Information Appliance




Similar Part No. - RT9184

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
More results


Similar Description - RT9184

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
logo
Microchip Technology
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
500 mA LDO Linear Regulator
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
500 mA Low-Noise LDO Regulator
09/14/21
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
Dual 500 mA LDO Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com