Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2200935 Datasheet (PDF) - PHOENIX CONTACT

2200935 Datasheet PDF - PHOENIX CONTACT
Part # 2200935
Download  2200935 Download
File Size   51.73 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm

2200935 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200935 Datasheet PDF - PHOENIX CONTACT

Part # 2200935
Download  2200935 Click to download

File Size   51.73 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm

2200935 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2200935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200930 PHOENIX-2200930 Datasheet
51Kb / 2P
Item is from the UM-ALU product range
2200931 PHOENIX-2200931 Datasheet
195Kb / 5P
UM-ALU 4-72 FRONT 235 - Front plate
2200932 PHOENIX-2200932 Datasheet
194Kb / 5P
UM-ALU 4-72 FRONT 990 - Front plate
2200933 PHOENIX-2200933 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: aluminum
2200934 PHOENIX-2200934 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: black
More results


Similar Description - 2200935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200917 PHOENIX-2200917 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
2200938 PHOENIX-2200938 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 130 mm
2200953 PHOENIX-2200953 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
2200954 PHOENIX-2200954 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 42.5 mm, Constructional height: 28.1 mm
2200955 PHOENIX-2200955 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 60 mm, Constructional height: 28.1 mm
2200956 PHOENIX-2200956 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
2200957 PHOENIX-2200957 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 130 mm, Constructional height: 28.1 mm
2200958 PHOENIX-2200958 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 165 mm, Constructional height: 28.1 mm
2200959 PHOENIX-2200959 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 165 mm, Constructional height: 28.1 mm
2200960 PHOENIX-2200960 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 235 mm, Constructional height: 28.1 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com