Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2200932 Datasheet (PDF) - PHOENIX CONTACT

2200932 Datasheet PDF - PHOENIX CONTACT
Part # 2200932
Download  2200932 Download
File Size   194.98 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-ALU 4-72 FRONT 990 - Front plate

2200932 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200932 Datasheet PDF - PHOENIX CONTACT

Part # 2200932
Download  2200932 Click to download

File Size   194.98 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-ALU 4-72 FRONT 990 - Front plate

2200932 Datasheet (HTML) - PHOENIX CONTACT


2200932 Product details

Press-drawn section housings, Basic profile front plate, width: 71.8 mm, length: 991.3 mm,
depth: 2 mm, recommended for UM-ALU 4-..COVER PA.. lateral elements




Similar Part No. - 2200932

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200930 PHOENIX-2200930 Datasheet
51Kb / 2P
Item is from the UM-ALU product range
2200931 PHOENIX-2200931 Datasheet
195Kb / 5P
UM-ALU 4-72 FRONT 235 - Front plate
2200933 PHOENIX-2200933 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: aluminum
2200934 PHOENIX-2200934 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: black
2200935 PHOENIX-2200935 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
More results


Similar Description - 2200932

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202098 PHOENIX-2202098 Datasheet
43Kb / 2P
Components of electronic housing - UM-ALU 4-100,5 FRONT 130AP
2959531 PHOENIX-2959531 Datasheet
90Kb / 4P
UM 45-FLK34/FRONT/Q
2959557 PHOENIX-2959557 Datasheet
100Kb / 5P
UM 45-FLK50/FRONT/Q
logo
FIBOX Enclosing innovat...
3730792 FIBOX-3730792 Datasheet
38Kb / 1P
Front plate screw
31.07.2023
3780756 FIBOX-3780756 Datasheet
36Kb / 1P
Front plate
31.07.2023
3780765 FIBOX-3780765 Datasheet
36Kb / 1P
Front plate
31.07.2023
3780766 FIBOX-3780766 Datasheet
36Kb / 1P
Front plate
31.07.2023
3780767 FIBOX-3780767 Datasheet
36Kb / 1P
Front plate
31.07.2023
3780768 FIBOX-3780768 Datasheet
36Kb / 1P
Front plate
31.07.2023
3780769 FIBOX-3780769 Datasheet
36Kb / 1P
Front plate
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com