Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2057 Datasheet (PDF) - Toshiba Semiconductor

K2057 Datasheet PDF - Toshiba Semiconductor
Part # K2057
Download  K2057 Download
File Size   74.3 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type

K2057 Datasheet (PDF)

Go To PDF Page Download Datasheet
K2057 Datasheet PDF - Toshiba Semiconductor

Part # K2057
Download  K2057 Click to download

File Size   74.3 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type

K2057 Datasheet (HTML) - Toshiba Semiconductor


K2057 Product details

Field Effect Transistor
Silicon N Channel MOS Type (π-MOS IV)
High Speed, High Current Switching Applications

Features
● Low Drain-Source ON Resistance
   - RDS(ON) = 0.24Ω (Typ.)
● High Forward Transfer Amittnace
   -|Yfs| = 15S (Typ.)
● Low Leakage Current
   - IDSS = -100μA (Max.)(VDS = 500V)
● Enhancement-Mode
   - Vth = 2.0 ~ 4.0V (VDS = -10V, ID = 1mA)




Similar Part No. - K2057

ManufacturerPart #DatasheetDescription
logo
Carl Kammerling Interna...
K20518 CARL-K20518 Datasheet
131Kb / 2P
Nylon Safety Hasp & Padlock
More results


Similar Description - K2057

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
TPCT4204 TOSHIBA-TPCT4204 Datasheet
124Kb / 4P
Field Effect Transistor Silicon N Channel MOS Type
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
Field-Effect Transistor Silicon N-Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1769 TOSHIBA-2SK1769 Datasheet
142Kb / 2P
Field Effect Transistor Silicon N Channel MOS Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com