Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-27 Datasheet (PDF) - Integrated Device Technology

ICS650-27 Datasheet PDF - Integrated Device Technology
Part # ICS650-27
Download  ICS650-27 Download
File Size   207.52 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description NETWORKING CLOCK SOURCE

ICS650-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS650-27 Datasheet PDF - Integrated Device Technology

Part # ICS650-27
Download  ICS650-27 Click to download

File Size   207.52 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description NETWORKING CLOCK SOURCE

ICS650-27 Datasheet (HTML) - Integrated Device Technology


ICS650-27 Product details

Description
The ICS650-27 is a low cost, low jitter, high performance clock synthesizer for networking applications. Using analog Phase-Locked Loop (PLL) techniques, the device accepts a 12.5 MHz or 25 MHz clock or fundamental mode crystal input to produce multiple output clocks for networking chips, PCI devices, SDRAM, and ASICs. The ICS650-27 outputs all have zero ppm synthesis error.

Features
• Packaged in 20-pin (150 mil) SSOP (QSOP)
• Pb (lead) free package, RoHS compliant
• 12.5 MHz or 25 MHz fundamental crystal or clock input
• Six output clocks with selectable frequencies
• SDRAM frequencies of 67, 83, 100, and 133 MHz
• Buffered crystal reference output
• Zero ppm synthesis error in all clocks
• Ideal for PMC-Sierra’s ATM switch chips
• Full CMOS output swing with 25 mA output drive capability at TTL levels
• Advanced, low-power, sub-micron CMOS process
• Operating voltage of 3.3 V
• Industrial temperature only




Similar Part No. - ICS650-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
logo
Renesas Technology Corp
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
NETWORKING CLOCK SOURCE
REV F 051310
More results


Similar Description - ICS650-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
ICS650-36 ICST-ICS650-36 Datasheet
168Kb / 7P
Networking & PCI Clock Source
Revision 030206
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
NETWORKING CLOCK SOURCE
REV F 051310
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com