Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-36 Datasheet (PDF) - Integrated Circuit Systems

ICS650-36 Datasheet PDF - Integrated Circuit Systems
Part # ICS650-36
Download  ICS650-36 Download
File Size   168.28 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Networking & PCI Clock Source

ICS650-36 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS650-36 Datasheet PDF - Integrated Circuit Systems

Part # ICS650-36
Download  ICS650-36 Click to download

File Size   168.28 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Networking & PCI Clock Source

ICS650-36 Datasheet (HTML) - Integrated Circuit Systems


ICS650-36 Product details

Description
The ICS650-36 is a low cost frequency generator designed to support networking and PCI applications. Using analog/digital Phase Locked-Loop (PLL) techniques, the device uses a standard fundamental mode, inexpensive crystal input of 25 MHz to produce four output clocks supporting LAN, PCI, and 100M SDRAM functions.

Features
• Packaged in 16-pin TSSOP
• Available in Pb (lead) free package
• Replaces multiple crystals and oscillators
• Input crystal or clock frequency of 25 MHz
• Fixed reference output frequency of 25 MHz
• Selectable output frequencies of 33.3, 33.333, 50, 66.666, 100, and 125 MHz
• Duty cycle of 40/60
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
• Industrial and commercial temperature ranges




Similar Part No. - ICS650-36

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
More results


Similar Description - ICS650-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
PCI-EXPRESS CLOCK SOURCE
Revision 061005
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
PCI-EXPRESS CLOCK SOURCE
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
PCI-EXPRESS CLOCK SOURCE
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
NETWORKING CLOCK SOURCE
REV F 051310
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com