Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-36 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS650-36
Description  Networking & PCI Clock Source
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-36 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS650-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 6Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Networking & PCI Clock Source
MDS 650-36 D
2
Revision 030206
In te gr ated C i rcuit Syste m s
● 525 R ace Street, San Jose, CA 9 5126 ● tel (40 8) 29 7-120 1● www.icst.com
ICS650-36
Pin Assignment
CLK Output Selection Table
Note: All frequencies are in MHz.
Pin Descriptions
12
1
11
2
10
3
9
X2
4
X1
5
GND
6
GND
7
CLK3
8
PDTS
REF
S0
VDD
S2
CLK1
S1
CLK2
GND
16
15
14
13
VDD
VDD
16-pin (173 mil) TSSOP
S2
S1
S0
REF
CLK1
CLK2
CLK3
0
0
0
OFF
33.30
50
125
0
0
1
ON
33.333
33.333
125
0
1
0
ON
33.333
66.666
125
0
1
1
ON
66.666
66.666
125
1
0
0
ON
33.333
50
125
1
0
1
ON
33.333
50
100
1
1
0
ON
33.333
66.666
100
1
1
1
ON
33.30
50
125
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X2
Output
Crystal connection. Connect to 25 MHz crystal input or float for
clock.
2
X1
Input
Crystal connection. Connect to 25 MHz crystal or clock input.
3
GND
Power
Connect to ground.
4
CLK3
Output
Selectable clock output. See table above for frequency. Weak
internal pull-down when tri-state.
5
PDTS
Input
Powers down entire chip and tri-states outputs when low. Internal
pull-up resistor.
6
S2
Input
Select pin. Selects clock output frequency from table above.
Internal pull-up resistor.
7
CLK2
Output
Selectable clock output. See table above for frequency. Weak
internal pull-down when tri-state.
8
VDD
Power
Connect to +3.3 V.
9
S1
Input
Select pin. Selects clock output frequency from table above.
Internal pull-up resistor.
10
GND
Power
Connect to ground.
11
CLK1
Output
Selectable clock output. See table above for frequency. Weak
internal pull-down when tri-state.
12
VDD
Power
Connect to +3.3 V.
13
S0
Input
Select pin. Selects clock output frequency from table above.
Internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com