Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF4C Datasheet (PDF) - Zowie Technology Corporation

SMF4C Datasheet PDF - Zowie Technology Corporation
Part # SMF4C
Download  SMF4C Download
File Size   122.19 Kbytes
Page   3 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description High power density 400W TVS

SMF4C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF4C Datasheet PDF - Zowie Technology Corporation

Part # SMF4C
Download  SMF4C Click to download

File Size   122.19 Kbytes
Page   3 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description High power density 400W TVS

SMF4C Datasheet (HTML) - Zowie Technology Corporation




Similar Part No. - SMF4C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMF4C BOURNS-SMF4C Datasheet
601Kb / 4P
SMF4C Series Transient Voltage Suppressor Diodes
SMF4C-Q BOURNS-SMF4C-Q Datasheet
635Kb / 4P
SMF4C-Q Series Transient Voltage Suppressor Diodes
REV. 06/25
SMF4C12CAH BOURNS-SMF4C12CAH Datasheet
601Kb / 4P
SMF4C Series Transient Voltage Suppressor Diodes
SMF4C16AH BOURNS-SMF4C16AH Datasheet
601Kb / 4P
SMF4C Series Transient Voltage Suppressor Diodes
SMF4C20AH BOURNS-SMF4C20AH Datasheet
601Kb / 4P
SMF4C Series Transient Voltage Suppressor Diodes
More results


Similar Description - SMF4C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
400W Peak Power Surface Mount TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
400W Peak Power TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
400W Peak Power Surface Mount TVS
logo
Astrodyne Corporation
ASM400S ASTRODYNE-ASM400S_16 Datasheet
1Mb / 7P
400W High Density Medical
logo
Zowie Technology Corpor...
1.5SMPC ZOWIE-1.5SMPC Datasheet
122Kb / 3P
High power density 1.5KW TVS
2.0SMPC ZOWIE-2.0SMPC Datasheet
123Kb / 3P
High power density 2KW TVS
4.5SMCC16AH ZOWIE-4.5SMCC16AH Datasheet
73Kb / 2P
High power density 4500W TVS
SMA6C ZOWIE-SMA6C Datasheet
146Kb / 3P
High power density 600W TVS
logo
Shindengen Electric Mfg...
DL04-33F1 SHINDENGEN-DL04-33F1 Datasheet
1Mb / 5P
TVS 9.5A, 400W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com