Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8344 Datasheet (PDF) - Analog Devices

AD8344 Datasheet PDF - Analog Devices
Part # AD8344
Download  AD8344 Download
File Size   429.71 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Receive Mixer 400 MHz to 1.2 GHz

AD8344 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8344 Datasheet PDF - Analog Devices

Part # AD8344
Download  AD8344 Click to download

File Size   429.71 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Receive Mixer 400 MHz to 1.2 GHz

AD8344 Datasheet (HTML) - Analog Devices


AD8344 Product details

GENERAL DESCRIPTION
The AD8344 is a highperformance, broadband activemixer.

It is well suited for demanding receive-channel applications that require wide bandwidth on all ports and very low inter modulation distortion and noise figure.

The AD8344 provides a typical conversiongain of4.5 dB at 890 MHz. The integrated LO driver supports a 50 Ω input impedance witha low LO drive level, helping to minimize external component count.

The single-ended 50Ω roadband RF port allows for easy interfacing to both active devices and passive filters.

The RF input accepts input signals as large as 1.7 V p-p or8.5 dBm (re:50 Ω) at P1dB.

FEATURES
* Broadband RF port: 400 MHz to 1.2 GHz
* Conversion gain: 4.5 dB
* Noise figure:10.5 dB
* Input IP3: 24 dBm
* Input P1dB: 8.5dBm
* LOdrive: 0 dBm
* External control of mixer biasfor low power operation
* Single-ended, 50 Ω RF and LO input ports
* Single-supply operation: 5 V @ 84mA
* Power-down mode
* Exposed paddle LFCSP: 3 mm × 3 mm

APPLICATIONS
* Cellular basestation receivers
* ISM receivers
* Radio links
* RF Instrumentation




Similar Part No. - AD8344

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
More results


Similar Description - AD8344

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
ATMEL Corporation
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Analog Devices
AD8342 AD-AD8342 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
1700 - 2300 MHz High Linearity Active Receive Mixer
logo
Skyworks Solutions Inc.
SKY42068 SKYWORKS-SKY42068 Datasheet
424Kb / 8P
400-1000 MHz High Dynamic Range Active Mixer
logo
Analog Devices
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
Active Receive Mixer LF to 3 GHz
REV. B
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com