Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8354 Datasheet (PDF) - Analog Devices

AD8354 Datasheet PDF - Analog Devices
Part # AD8354
Download  AD8354 Download
File Size   275.57 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz-2.7 GHz RF Gain Block

AD8354 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8354 Datasheet PDF - Analog Devices

Part # AD8354
Download  AD8354 Click to download

File Size   275.57 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz-2.7 GHz RF Gain Block

AD8354 Datasheet (HTML) - Analog Devices


AD8354 Product details

GENERAL DESCRIPTION
The AD8354 is a broadband, fixed-gain, linear amplifier that operates at frequencies from 1 MHz up to 2.7 GHz. It is intended for use in a wide variety of wireless devices, including cellular, broadband, CATV, and LMDS/MMDS applications.

FEATURES
   Fixed gain of 20 dB
   Operational frequency of 1 MHz to 2.7 GHz
   Linear output power up to 4 dBm
   Input/output internally matched to 50 Ω
   Temperature and power supply stable
   Noise figure: 4.2 dB
   Power supply: 3 V or 5 V
  
APPLICATIONS
   VCO buffers
   General Tx/Rx amplification
   Power amplifier predrivers
   Low power antenna drivers




Similar Part No. - AD8354

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
363Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
12/05-Rev. B to Rev. C
AD8354 AD-AD8354 Datasheet
364Kb / 16P
RF Gain Block
Feb-2017
AD8354-EVAL AD-AD8354-EVAL Datasheet
363Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
12/05-Rev. B to Rev. C
AD8354-EVALZ AD-AD8354-EVALZ Datasheet
364Kb / 16P
RF Gain Block
Feb-2017
AD8354ACP-R2 AD-AD8354ACP-R2 Datasheet
363Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
12/05-Rev. B to Rev. C
More results


Similar Description - AD8354

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8353 AD-AD8353 Datasheet
198Kb / 12P
100 MHz-2.7 GHz RF Gain Block
REV.0
AD8312 AD-AD8312 Datasheet
576Kb / 13P
100 MHz-2.7 GHz, 45 dB RF Log Detector
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
12/05-Rev. B to Rev. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
12/05-Rev. A to Rev. B
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com